Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ADP198ACPZ-R7

  • AI
    ## Technical Overview of the ADP198ACPZ-R7 The **ADP198ACPZ-R7** is a high-side load switch designed by Analog Devices. It is specifically engineered to control power rails in portable electronic devices, offering a low "on" resistance and a small physical footprint. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 1.65 V to 6.5 V | | **Continuous Current** | Up to 1.1 A | | **On-Resistance ($R_{ON}$)** | ~50 mΩ at 3.3 V | | **Quiescent Current** | < 1 µA (Low power mode) | | **Package Type** | 8-lead LFCSP (2 mm × 2 mm) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Functional Components The device consists of several critical internal blocks that ensure efficient power management: 1. **P-channel MOSFET:** The primary switching element that allows or blocks current flow from the input (VIN) to the output (VOUT). 2. **Charge Pump:** Ensures the internal circuitry can drive the gate of the MOSFET effectively even at low input voltages. 3. **Level Shifter:** Allows low-voltage logic signals (from a microcontroller) to control the high-voltage power rail. 4. **Slew Rate Control:** This is a standout feature. It allows the user to control how fast the switch turns on by adding an external capacitor to the **EN** or **SS** pin, preventing "inrush current" that could crash the main power supply. --- ### 3. Pin Configuration and Functions | Pin Name | Function | Description | | :--- | :--- | :--- | | **VIN** | Input Supply | Power source input for the switch. | | **VOUT** | Switch Output | Output voltage to the load. | | **EN** | Enable | Logic high turns the switch on; logic low turns it off. | | **GND** | Ground | Reference point for the device. | | **SS** | Soft Start | Connection for an external capacitor to control turn-on time. | --- ### 4. Common Applications * **Mobile Phones & Tablets:** Used to disconnect power to peripherals (camera, GPS) when not in use to save battery. * **Portable Medical Equipment:** Managing power rails in handheld diagnostic tools. * **Industrial Handhelds:** Controlling power distribution in ruggedized mobile computers. * **Battery-Powered Devices:** Essential for any system requiring ultra-low shutdown current.
    ✨ Follow-up Questions
    • ⤷ How do you calculate the capacitor value for the Soft Start (SS) pin?
    • ⤷ What are the primary differences between the ADP198 and a standard MOSFET switch?
    • ⤷ What are the thermal considerations when running the ADP198 at its maximum 1.1A current?