Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ADP175ARMZ-2.5-R7

  • AI
    ## ADP175ARMZ-2.5-R7 Overview The **ADP175ARMZ-2.5-R7** is a **low dropout (LDO) linear voltage regulator** from Analog Devices. It converts a higher input voltage into a stable, fixed **2.5 V** output. --- ## Part Number Breakdown | Segment | Meaning | |---|---| | **ADP175** | Product family: 150 mA CMOS LDO regulator | | **A** | Grade / performance designation | | **RM** | Package code: 8-lead MSOP (RM-8) | | **Z** | RoHS-compliant (lead-free) | | **-2.5** | Fixed output voltage: 2.5 V | | **-R7** | Packaging: 7-inch tape and reel | *Note: Confirm package and pin details against the official Analog Devices datasheet, since suffix conventions can vary by revision.* --- ## Key Electrical Specifications (Typical) | Parameter | Typical Value | |---|---| | Input voltage range | 2.3 V to 5.5 V | | Output voltage | 2.5 V (fixed) | | Maximum output current | 150 mA | | Dropout voltage | Low (about 100 to 150 mV at full load) | | Quiescent current | Low (tens of µA) | | Shutdown current | < 1 µA | | Output accuracy | ±1% to ±2% (typical) | --- ## Pin Functions (8-lead MSOP) | Pin Function | Description | |---|---| | **VIN** | Regulator input supply | | **GND** | Ground reference | | **EN** | Enable input: logic high turns the output on, logic low turns it off | | **VOUT** | Regulated 2.5 V output | | **NC** | No connection (leave unconnected) | --- ## Internal Blocks ### 1. Voltage Reference Provides a stable, temperature-compensated reference voltage (bandgap). ### 2. Error Amplifier Compares the feedback voltage with the reference and adjusts the pass device to keep the output constant. ### 3. PMOS Pass Transistor A low-RDS(on) P-channel MOSFET that controls current from VIN to VOUT. Its low on-resistance enables the low dropout voltage. ### 4. Feedback Resistor Divider Sets the 2.5 V output voltage (internal for fixed-output versions). ### 5. Protection Circuits - **Current limit:** Limits output current under overload or short circuit. - **Thermal shutdown:** Disables the output when the die overheats, then recovers automatically. - **Reverse current protection:** Helps prevent damage when VOUT is pulled above VIN. --- ## Typical Application Circuit ``` VIN ----+----[ VIN ADP175 VOUT ]----+----> VOUT (2.5 V, up to 150 mA) | | | | C_IN GND | C_OUT (1 µF) | | (1 µF) | | | | GND GND | GND | EN (tie to VIN for always-on) ``` **Recommended capacitors:** - **Input:** 1 µF ceramic (X5R/X7R), placed close to VIN - **Output:** 1 µF ceramic (X5R/X7R), placed close to VOUT - Stable operation is typically assured with small ceramic capacitors, but check the datasheet for minimum capacitance and ESR requirements. --- ## Typical Applications - Powering 2.5 V microcontrollers and sensors - Supplying analog circuits that need a clean, low-noise rail - Battery-powered devices (low quiescent current extends battery life) - Post-regulation after switching converters - Powering FPGA/CPLD core or I/O rails --- ## Design Tips 1. **Keep the input voltage above output plus dropout.** For 2.5 V output, VIN should be at least about 2.6 V to 2.7 V at full load. 2. **Watch power dissipation.** Power = (VIN − VOUT) × IOUT. For example, 5 V in, 2.5 V out, 150 mA gives about 375 mW, which may require thermal consideration in the MSOP package. 3. **Place capacitors close to pins** to maintain stability and reduce noise. 4. **Use EN** for power sequencing or to shut down the regulator for low standby current. --- ## Summary The ADP175ARMZ-2.5-R7 is a compact, low-power, 2.5 V fixed LDO that delivers up to 150 mA with low dropout and quiescent current. Its built-in protection features make it suitable for many battery-powered and noise-sensitive designs.
    ✨ Follow-up Questions
    • ⤷What is the maximum power dissipation for the ADP175 in an MSOP package?
    • ⤷ How do I choose input and output capacitors for the ADP175?
    • ⤷ How does the ADP175 compare to other 2.5 V LDO regulators?