Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ADP175ARMZ-0.8-R7

  • AI
    The **ADP175ARMZ-0.8-R7** is a low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable, low-noise power supply for high-performance analog and mixed-signal circuits. ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of this specific component: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 0.8V (Fixed) | | **Input Voltage Range** | 1.6V to 3.6V | | **Max Output Current** | 1.2A | | **Dropout Voltage** | 105mV (Typical at 1.2A) | | **PSRR** | 56dB at 1kHz | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | MSOP-8 (ARMZ suffix) | --- ### 2. Detailed Part Number Breakdown Understanding the suffix and prefix codes is essential for sourcing and PCB design: * **ADP1754**: The base series (Low Input Voltage, High Current LDO). * **ARMZ**: Indicates the package type (**MSOP**) and that it is RoHS compliant (Lead-free). * **0.8**: Represents the fixed output voltage of **0.8 Volts**. * **R7**: Refers to the packaging format, specifically a **7-inch Tape and Reel** (usually containing 1,000 units). --- ### 3. Core Features The ADP175x series is chosen for its specific performance advantages in digital-to-analog conversion and FPGA power rails: * **Soft Start Capability:** It features a programmable or fixed soft-start to limit inrush current during power-up, preventing voltage spikes. * **Low Quiescent Current:** It draws minimal current (typically 800µA at full load) when operating, improving efficiency in battery-powered applications. * **Power Good (PG) Pin:** Includes a logic output that signals when the output voltage is within the regulated range. * **Reverse Current Protection:** Prevents damage if the output voltage becomes higher than the input voltage. --- ### 4. Typical Application Circuit When designing with this part, external capacitors are required for stability. ```markdown Vin (1.6V-3.6V) ----[ Cin 4.7uF ]----( IN ) ( OUT )----[ Cout 4.7uF ]---- Vout (0.8V) ( EN ) ( PG )---- To Microcontroller ( GND) ( SS )----[ Css Soft Start Cap ] ``` --- ### 5. Common Use Cases * **FPGA Core Power:** Providing the low-voltage (0.8V) core rails required by modern FPGAs and DSPs. * **ADC/DAC Supplies:** Clean power for high-speed data converters where noise can impact signal integrity. * **Optical Modules:** Powering small form-factor pluggable (SFP) components.
    ✨ Follow-up Questions
    • ⤷What are the recommended values for the input and output capacitors for the ADP1754 series?
    • ⤷ How does the 'Power Good' pin functionality work in a multi-rail power sequence?
    • ⤷ Can this LDO be used for an adjustable output voltage
    • ⤷ or is it strictly fixed?