Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ADP1706ARDZ-2.5-R7

  • AI
    The **ADP1706ARDZ-2.5-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to provide a stable 2.5V output with high currents and low noise for sensitive electronic circuits. --- ## 1. Technical Specifications Below are the primary technical parameters for the ADP1706ARDZ-2.5-R7: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 2.5 V (Fixed) | | **Maximum Output Current** | 1 A | | **Input Voltage Range** | 2.5 V to 5.5 V | | **Dropout Voltage** | 345 mV (Typical at 1 A load) | | **PSRR (Power Supply Rejection Ratio)** | 70 dB at 1 kHz | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) | | **Packaging** | Tape & Reel (R7) | --- ## 2. Key Features The device includes several integrated features that enhance its reliability and performance: * **Soft Start Functionality:** Reduces inrush current during startup, protecting the power source and the load. * **Enable Input (EN):** Allows the device to be turned on or off via digital logic (High = On, Low = Shutdown). * **Thermal Overload Protection:** Shuts down the regulator if the junction temperature exceeds safe limits. * **Short-Circuit Protection:** Limits the current output to prevent damage during a fault condition. * **Exposed Pad (EP):** The SOIC package features a bottom-side thermal pad to improve heat dissipation, which is critical for 1A applications. --- ## 3. Pin Configuration (8-Lead SOIC) Typical pin assignments for this series: 1. **VIN:** Input Voltage. 2. **VOUT:** Regulated Output Voltage. 3. **GND:** Ground. 4. **NC/ADJ:** No Connect (for fixed versions like the 2.5V). 5. **EN:** Enable Pin. 6. **SS:** Soft Start (capacitor connection point). 7. **NC:** No Connection. 8. **NC:** No Connection. * **Exposed Pad:** Must be soldered to the PCB ground plane for thermal management. --- ## 4. Typical Application Circuit To ensure stability, the ADP1706 requires input and output capacitors. ```cpp // Schematic representation for stability: // [Input 3.3V] ---[Cin: 4.7uF]---(VIN Pin) // (VOUT Pin)---[Cout: 4.7uF]--- [Output 2.5V] // (SS Pin)---[Css: 10nF]--- (GND) ``` --- ## 5. Part Number Breakdown * **ADP1706:** Base part number (1A LDO series). * **ARDZ:** Package code (SOIC with Exposed Pad, RoHS compliant). * **2.5:** Fixed output voltage of 2.5V. * **R7:** 7-inch Tape and Reel packaging (usually contains 1,000 units).
    ✨ Follow-up Questions
    • ⤷ What are the thermal design considerations for the ADP1706 when operating at 1A?
    • ⤷ Can the ADP1706-2.5 be used with an input voltage of 5V safely?
    • ⤷ What is the difference between the ADP1706 and the ADP1708 series?