ADP160ACBZ-2.75-R7
AI

## Technical Overview: ADP160ACBZ-2.75-R7
The **ADP160ACBZ-2.75-R7** is a high-performance, ultra-low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically engineered for portable and battery-powered applications where power efficiency and space-saving are critical.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 2.75 V (Fixed) |
| **Input Voltage Range** | 2.2 V to 5.5 V |
| **Maximum Output Current** | 150 mA |
| **Quiescent Current ($I_q$)** | 560 nA (No load) |
| **Dropout Voltage** | 60 mV @ 150 mA |
| **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) |
| **PSRR** | 70 dB at 1 kHz |
---
### 2. Functional Components and Pinout
The device is housed in a tiny 0.97 mm x 0.97 mm WLCSP package. Despite its size, it integrates several critical protection circuits.
#### Pin Configuration
1. **VIN**: Input Voltage Pin. Should be bypassed with a 1 μF ceramic capacitor.
2. **VOUT**: Regulated Output Voltage. Requires a 1 μF ceramic capacitor for stability.
3. **EN**: Enable Input. Driving this high turns on the device; pulling it low enters shutdown mode.
4. **GND**: Ground reference.
---
### 3. Core Features
* **Ultra-Low Quiescent Current**: With a ground current of only 560 nA at no load, it significantly extends battery life in "always-on" standby circuits.
* **Low Dropout (LDO)**: The 60 mV dropout allows the regulator to maintain 2.75V output even when the battery voltage drops very close to the target output.
* **Internal Protection**:
* **Overcurrent Protection**: Limits output current to prevent damage during short circuits.
* **Thermal Overload Protection**: Automatically shuts down the device if the junction temperature exceeds safety limits.
* **Stability**: Optimized for use with small, low-ESR ceramic capacitors.
---
### 4. Typical Application Circuit
```mermaid
graph LR
Input[Vin: 3.3V] --> C1[Capacitor 1uF]
C1 --> LDO[ADP160]
LDO --> C2[Capacitor 1uF]
C2 --> Output[Vout: 2.75V]
Enable[EN Pin] --> LDO
```
---
### 5. Common Use Cases
* **Mobile Phones**: Powering sensitive analog sub-sections.
* **Digital Cameras**: Regulation for image sensors or low-power logic.
* **Portable Medical Devices**: Ideal for glucose meters or heart rate monitors.
* **IoT Sensors**: Perfect for battery-operated wireless sensor nodes that spend most of their time in sleep mode.
- ⤷
What are the main differences between the ADP160 and the ADP161 series?
- ⤷ How does the ultra-low quiescent current affect the transient response of this LDO?
- ⤷ What is the recommended layout practice for the 4-ball WLCSP package to ensure thermal stability?