Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ADP151ACPZ-2.5-R7

  • AI
    ## Technical Overview of ADP151ACPZ-2.5-R7 The **ADP151ACPZ-2.5-R7** is a high-performance, ultra-low noise, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to provide a stable 2.5V output for noise-sensitive analog and mixed-signal circuits. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Output Voltage** | 2.5 V (Fixed) | | **Input Voltage Range** | 2.2 V to 5.5 V | | **Max Output Current** | 200 mA | | **Dropout Voltage** | 140 mV @ 200 mA | | **Output Noise** | 9 µV rms (10 Hz to 100 kHz) | | **PSRR** | 70 dB @ 10 kHz | | **Package Type** | LFCSP-6 (2mm x 2mm) | --- ### 2. Core Electronic Components & Features The internal architecture of the ADP151 includes several critical stages: * **Internal Reference:** A high-precision voltage reference that maintains accuracy over temperature and input fluctuations. * **Error Amplifier:** Compares the output voltage to the internal reference to adjust the pass transistor. * **PMOS Pass Transistor:** Unlike NPN-based regulators, the PMOS architecture allows for a very low dropout voltage, extending battery life. * **Protection Circuitry:** * **Short-Circuit Protection:** Prevents damage during output faults. * **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safety limits (~150°C). * **Enable (EN) Pin:** Allows the regulator to be turned on or off via a logic signal to save power (Shutdown current < 1 µA). --- ### 3. Application Circuit Example To ensure stability, the ADP151 requires minimal external components. It is optimized for use with small, low-ESR ceramic capacitors. ```markdown Typical Application Circuit: [VIN] ----[ CIN: 1µF ]----[ VIN Pin ] [ EN Pin ]---- (Logic High) [ GND Pin ]---- [ Ground ] [VOUT] ----[ COUT: 1µF ]---[ VOUT Pin ] ``` --- ### 4. Advantages & Use Cases * **Low Noise:** The 9 µV rms noise floor makes it ideal for powering RF components, VCOs, and precision ADCs without needing additional bulky filters. * **Small Footprint:** The 2mm x 2mm LFCSP package is perfect for space-constrained mobile devices and wearables. * **Efficiency:** The low quiescent current (approx. 265 µA under full load) maximizes battery efficiency in portable electronics. ---
    ✨ Follow-up Questions
    • ⤷ How does the PSRR of the ADP151 compare to other LDOs in its class?
    • ⤷ What are the recommended layout practices for the LFCSP-6 package to manage heat?
    • ⤷ Can the ADP151 be used with tantalum capacitors instead of ceramic?