Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ADP151ACBZ-2.8-R7

  • AI
    ## Overview of the ADP151ACBZ-2.8-R7 The **ADP151ACBZ-2.8-R7** is an ultra-low noise, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to provide a stable, clean voltage supply for noise-sensitive analog and mixed-signal applications. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Output Voltage** | 2.8V (Fixed) | | **Input Voltage Range** | 2.2V to 5.5V | | **Max Output Current** | 200 mA | | **Dropout Voltage** | 140 mV (at 200 mA load) | | **Quiescent Current** | 10 μA (at no load) | | **PSRR (Power Supply Rejection Ratio)** | 70 dB at 10 kHz | | **Noise Level** | 9 μV rms (independent of output voltage) | | **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) | --- ### 2. Functional Features * **Ultra-Low Noise:** It is engineered to keep output noise extremely low without the need for an external bypass capacitor, saving PCB space. * **Low Quiescent Current:** With only 10 μA ground current at no load, it is ideal for battery-powered devices to extend standby time. * **High PSRR:** Effectively filters out ripples from the input power source, making it suitable for RF and sensitive imaging sensors. * **Protection Circuitry:** Includes internal thermal overload protection and short-circuit current limiting. * **Enable Input:** Features an active-high enable pin (`EN`) that allows the device to be shut down, reducing current consumption to less than 1 μA. --- ### 3. Pin Configuration (WLCSP Package) The device comes in a tiny 4-ball footprint. The typical layout is as follows: | Ball | Symbol | Description | | :--- | :--- | :--- | | A1 | **VIN** | Regulator Input Supply | | A2 | **VOUT** | Regulated Output Voltage | | B1 | **EN** | Enable Input (Drive high to turn on) | | B2 | **GND** | Ground | --- ### 4. Typical Application Circuit The ADP151 requires minimal external components for operation. It is stable with small 1 μF ceramic capacitors. ```text Input (2.2V - 5.5V) ----[ VIN ]-------[ VOUT ]---- Output (2.8V) | | [Cin] [Cout] | | (GND) (GND) ``` ### 5. Common Use Cases * **Mobile Phones:** Powering camera modules and RF transceivers. * **Wearables:** Heart rate monitors and Bluetooth LE modules. * **Medical Equipment:** Portable diagnostic tools requiring low signal interference. * **Digital Cameras:** Powering sensitive image sensors. ---
    ✨ Follow-up Questions
    • ⤷What are the advantages of WLCSP packaging over standard SOT-23 packages for this LDO?
    • ⤷ How does the noise performance of the ADP151 compare to other LDO series like the ADP160?
    • ⤷ What is the recommended maximum ESR for the output capacitor to maintain stability?