Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ADM7150ACPZ-3.3-R2

  • AI
    The **ADM7150ACPZ-3.3-R2** is a high-performance, ultra-low noise, high Power Supply Rejection Ratio (PSRR) linear regulator (LDO) manufactured by Analog Devices. It is designed specifically for powering noise-sensitive analog and mixed-signal components. --- ### ## Technical Specifications The following table outlines the primary electrical characteristics of the ADM7150ACPZ-3.3-R2: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 3.3 V (Fixed) | | **Input Voltage Range** | 4.5 V to 16 V | | **Maximum Output Current** | 800 mA | | **Output Noise** | 1.0 µV rms (100 Hz to 100 kHz) | | **PSRR** | >90 dB (1 kHz to 100 kHz); >60 dB (up to 1 MHz) | | **Dropout Voltage** | 600 mV (typical at 800 mA load) | | **Package** | 8-lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### ### Key Features and Internal Components 1. **Ultra-Low Noise Architecture:** It utilizes a proprietary architecture that achieves incredibly low noise floors, making it ideal for phase-locked loops (PLLs), voltage-controlled oscillators (VCOs), and high-speed ADCs. 2. **Precision Reference:** The internal bandgap reference is highly stabilized to ensure tight output voltage accuracy over line and load variations. 3. **Error Amplifier:** A high-gain error amplifier provides the high PSRR needed to filter out ripples from upstream switching regulators. 4. **Protection Circuitry:** * **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds limits. * **Short-Circuit Protection:** Limits current to prevent damage during a fault condition. 5. **Soft Start:** Includes an internal soft-start mechanism to limit inrush current during startup. --- ### ### Typical Application Circuit To achieve the rated performance, the ADM7150 requires specific external capacitors. ```c // Recommended Capacitor Selection (Example) Input_Capacitor = 10uF (Ceramic, Low ESR); Output_Capacitor = 10uF (Ceramic, Low ESR); VREG_Capacitor = 10uF (Noise reduction/Stability); VREF_Capacitor = 1uF (Reference noise filtering); ``` --- ### ### Usage Context * **RF and Microwave:** Powering low-noise amplifiers (LNAs) and frequency synthesizers. * **Medical Imaging:** Used in ultrasound and MRI front-ends where power supply noise can translate into image artifacts. * **High-Speed Data Converters:** Providing "clean" power to 16-bit to 24-bit ADCs to maintain Effective Number of Bits (ENOB). ---
    ✨ Follow-up Questions
    • ⤷How does the noise performance of the ADM7150 compare to standard LDOs like the LM1117?
    • ⤷ What is the significance of the VREG and VREF pins in this specific LDO?
    • ⤷ What thermal considerations should be taken when drawing the full 800mA at a 16V input?