Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ADE-R901+

  • AI
    ## Overview of the ADE-R901+ The **ADE-R901+** is a high-performance, surface-mount frequency mixer manufactured by Mini-Circuits. It is a passive, double-balanced mixer designed for frequency up-conversion or down-conversion applications in RF (Radio Frequency) circuits. --- ### Technical Specifications The following table outlines the primary electrical characteristics of the ADE-R901+: | Parameter | Value / Range | Unit | | :--- | :--- | :--- | | **RF Frequency Range** | 300 to 900 | MHz | | **LO Frequency Range** | 300 to 900 | MHz | | **IF Frequency Range** | DC to 250 | MHz | | **LO Power Level** | +7 (Level 7) | dBm | | **Conversion Loss** | 6.5 (Typical) | dB | | **L-R Isolation** | 35 (Typical) | dB | | **L-I Isolation** | 25 (Typical) | dB | | **Operating Temperature** | -40 to +85 | °C | --- ### Key Internal Components and Design The ADE-R901+ is a **Double-Balanced Mixer**, which typically consists of the following electronic sub-parts integrated into a single package: 1. **Schottky Barrier Diodes:** A ring (quad) of matched diodes is used as the switching element. These provide high-speed switching and low noise. 2. **Transmission Line Transformers (Baluns):** These are wound on ferrite cores. They convert the unbalanced input signals (RF and LO) into balanced signals to drive the diode ring and provide isolation between ports. 3. **Lead-Free Substrate:** The device uses a rugged, low-profile ceramic or FR-4 based package suitable for automated surface-mount assembly (Pick and Place). --- ### Pin Configuration The device typically utilizes a 6-pin CD542 package layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | LO | Local Oscillator input | | **2** | RF | Radio Frequency input | | **3** | IF | Intermediate Frequency output/input | | **4, 5, 6** | Ground | Common system ground | --- ### Common Applications * **UHF Receivers:** Down-converting signals from the 300-900 MHz band to a lower Intermediate Frequency (IF). * **Cellular Infrastructure:** Used in base station signal processing. * **ISM Band Equipment:** Industrial, Scientific, and Medical radio applications. * **Defense Communications:** Robust signal mixing in tactical radios. ---
    ✨ Follow-up Questions
    • ⤷What are the advantages of a double-balanced mixer over a single-balanced one?
    • ⤷ How does LO power level affect the linearity of the ADE-R901+?
    • ⤷ What is the recommended PCB footprint for the CD542 package?