Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ADE-R901

  • AI
    ## Technical Overview of the ADE-R901 The **ADE-R901** is a high-performance, surface-mount frequency mixer manufactured by Mini-Circuits. It is widely used in radio frequency (RF) design for frequency up-conversion and down-conversion. ### 1. Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **RF Frequency Range** | 300 to 900 MHz | | **LO Frequency Range** | 300 to 900 MHz | | **IF Frequency Range** | DC to 250 MHz | | **LO Power Level** | Class 1 (+7 dBm) | | **Conversion Loss** | 6.5 dB (Typical) | | **LO-RF Isolation** | 35 dB (Typical) | | **Package Type** | CD542 (Surface Mount) | --- ### 2. Internal Electronic Structure The ADE-R901 is a **double-balanced mixer**. Its internal architecture consists of two primary electronic components: 1. **Schottky Barrier Diodes:** A ring of four matched diodes is used to perform the non-linear switching required for mixing signals. 2. **Transmission Line Transformers (Baluns):** These are used at the LO (Local Oscillator) and RF ports to convert single-ended signals into balanced signals, which improves isolation between ports. --- ### 3. Pin Configuration The device usually comes in a 6-pin leaded plastic package. Below is the typical pinout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | LO | Local Oscillator Input | | **2** | GND | Ground Connection | | **3** | RF | Radio Frequency Input/Output | | **4** | IF | Intermediate Frequency Output/Input | | **5** | GND | Ground Connection | | **6** | GND | Ground Connection | --- ### 4. Critical Design Considerations * **Impedance Matching:** The device is designed for a **50 Ohm** system. Ensuring proper PCB trace width is vital to prevent signal reflection. * **LO Power:** Since it is a "Level 7" mixer, it requires a stable +7 dBm input at the LO port to function correctly. * **Isolation:** Because it is double-balanced, it naturally suppresses the LO and RF signals at the IF port, reducing the need for heavy external filtering. --- ### 5. Common Applications * **UHF Receivers/Transmitters:** Ideal for communications in the 300-900 MHz band. * **Cellular Infrastructure:** Used in base station signal processing. * **ISM Band Equipment:** Industrial, Scientific, and Medical radio devices.
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using a double-balanced mixer over a single-ended one?
    • ⤷ How does conversion loss impact the overall noise figure of a receiver circuit?
    • ⤷ Can the ADE-R901 be used for signals above 900 MHz with reduced performance?