Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ADCMP607BCPZ-R2

  • AI
    The **ADCMP607BCPZ-R2** is a high-speed comparator manufactured by Analog Devices. It is designed for applications requiring fast signal processing with low power consumption and high precision. --- ## 1. Key Specifications The following table summarizes the primary electrical and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Propagation Delay** | 800 ps (typical) | | **Output Type** | LVDS (Low Voltage Differential Signaling) | | **Supply Voltage** | 2.5 V to 5.5 V | | **Input Common-Mode Range** | -0.2 V to Vcc + 0.2 V | | **Quiescent Current** | 13 mA | | **Package** | 12-lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Core Functional Features ### High-Speed LVDS Output The device features an **LVDS output** driver. LVDS is ideal for high-speed data transmission because it uses differential signaling, which provides excellent noise immunity and minimizes electromagnetic interference (EMI). ### Rail-to-Rail Inputs The ADCMP607 includes a rail-to-rail input stage. This means it can handle input signals that swing from the negative supply rail to the positive supply rail (and slightly beyond), offering maximum flexibility in signal conditioning. ### Latch Function The comparator includes a **latch enable (LE)** input. When the latch is activated, the output is held at its current state regardless of changes at the input. This is critical for synchronized data acquisition systems. --- ## 3. Pin Configuration Summary The device is housed in a compact 12-lead LFCSP. Key pins include: * **VCCI / VCCO:** Separate power supplies for the input stage and output stage (allowing for level shifting). * **VP / VN:** Non-inverting and inverting inputs. * **Q / /Q:** Differential LVDS outputs. * **LE / /LE:** Differential latch enable inputs. --- ## 4. Typical Applications Due to its sub-nanosecond delay, this part is commonly found in: 1. **High-speed clock recovery** and restoration. 2. **Threshold detection** in LIDAR or RADAR systems. 3. **High-speed line receivers**. 4. **Automatic Test Equipment (ATE)**. ---
    ✨ Follow-up Questions
    • ⤷How does the propagation delay of ADCMP607 compare to standard TTL comparators?
    • ⤷ Can the VCCI and VCCO pins be tied to different voltage levels?
    • ⤷ What are the advantages of using the LVDS output in high-noise environments?