Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ADCMP605BCPZ-R7

  • AI
    ## Overview of the ADCMP605BCPZ-R7 The **ADCMP605BCPZ-R7** is a high-speed comparator manufactured by **Analog Devices**. It is designed for applications requiring extremely fast signal processing with low power consumption. It features a rail-to-rail input stage and **LVDS (Low Voltage Differential Signaling)** outputs. --- ### Technical Specifications The following table summarizes the primary electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Propagation Delay** | 1.5 ns (typical) | | **Output Type** | LVDS (Complementary) | | **Supply Voltage (Vcc)** | 2.5 V to 5.5 V | | **Input Range** | Rail-to-Rail | | **Package Type** | 12-lead LFCSP (3mm x 3mm) | | **Overdrive Dispersion** | 500 ps | | **Operating Temperature** | -40°C to +125°C | | **Power Consumption** | ~37 mW at 2.5 V | --- ### Key Electronic Features 1. **LVDS Output Stage:** * The device provides differential outputs optimized for driving high-speed data lines. LVDS reduces electromagnetic interference (EMI) and provides high noise immunity. * It is designed to interface directly with high-speed FPGAs and ASICs. 2. **Latch Function:** * It includes a **Latch Enable (LE)** pin. When active, the comparator holds its current output state regardless of changes at the input. This is critical for synchronized data sampling. 3. **Fast Response:** * With a propagation delay of only **1.5 ns**, it is suitable for clock recovery, high-speed triggers, and time-of-flight measurements. 4. **Hysteresis:** * The ADCMP605 features a dedicated pin for programmable hysteresis, allowing users to improve noise immunity by setting specific switching thresholds. --- ### Pin Configuration Summary | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1 | **VCCI** | Input Supply Voltage | | 2, 3 | **IN+, IN-** | Non-inverting and Inverting Inputs | | 4 | **HYS** | Hysteresis Control | | 5 | **LE** | Latch Enable | | 8, 9 | **Q, /Q** | Non-inverting and Inverting LVDS Outputs | | 11 | **VCCO** | Output Supply Voltage | | 12 | **GND** | Ground | --- ### Typical Applications * **High-Speed Line Receivers:** Interpreting signals over long cables. * **Threshold Detectors:** Fast peak detection in pulse applications. * **Clock and Data Restoration:** Cleaning up jittery timing signals. * **A/D Converters:** Used in the front-end of high-speed flash converters.
    ✨ Follow-up Questions
    • ⤷ How do you calculate the resistor value for the HYS pin to set a specific hysteresis voltage?
    • ⤷ What are the advantages of using the LFCSP package for high-speed signal integrity?
    • ⤷ Can the VCCI and VCCO pins be tied to different voltage levels?