Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ADCMP581BCP-R2

  • AI
    ## Overview of ADCMP581BCP-R2 The **ADCMP581BCP-R2** is an ultra-fast voltage comparator manufactured by Analog Devices. It is designed for high-speed applications where minimal propagation delay and precise timing are critical. It utilizes a **CML (Current Mode Logic)** output stage and is built on a high-performance Silicon Germanium (SiGe) process. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Propagation Delay** | 160 ps (typical) | | **Overdrive Dispersion** | 10 ps (typical) | | **Output Logic** | CML (Differential) | | **Supply Voltage** | 5 V (VCC), -5 V (VEE) typical | | **Equivalent Input Bandwidth** | 8 GHz | | **Minimum Pulse Width** | 200 ps | | **Package Type** | 16-lead LFCSP | --- ### Internal Functional Parts The internal architecture consists of several specialized blocks to ensure speed and stability: 1. **Input Stage:** Features a high-bandwidth differential input structure. It can handle a wide common-mode range and is designed to minimize "overdrive dispersion" (the change in delay based on how much the input exceeds the threshold). 2. **Latch Enable (LE) Circuitry:** Includes a high-speed latch function. When the latch is enabled, the output is held at its current state regardless of changes in the input, which is essential for sample-and-hold operations in high-speed data acquisition. 3. **Hysteresis Control:** Allows the user to implement a small amount of programmable hysteresis to prevent oscillations caused by noise on slowly changing input signals. 4. **CML Output Driver:** The Current Mode Logic output is designed to drive 50 $\Omega$ transmission lines directly. CML is preferred in high-speed circuits because it generates less EMI and has faster switching times than CMOS or TTL. --- ### Typical Applications Due to its sub-nanosecond response time, the ADCMP581 is commonly used in: * **Automatic Test Equipment (ATE):** For high-speed timing measurements. * **Clock and Data Restoration:** Signal grooming in high-speed communications. * **Pulse Spectroscopy:** Detecting very short duration energy pulses. * **High-speed Instrumentation:** Oscilloscopes and logic analyzers. --- ### Connectivity Diagram (Pinout Functions) ```markdown Pin Name | Function ---------|-------------------------------------------------- VCCI | Input stage positive supply VEE | Negative supply voltage VCO | Output stage positive supply IN+/IN- | Differential analog inputs LE+/LE- | Differential latch enable inputs Q/Q_BAR | Differential CML outputs VT | Termination voltage for input resistors ```
    ✨ Follow-up Questions
    • ⤷ How does CML logic compare to LVDS in high-speed comparators?
    • ⤷ What is the purpose of the 'overdrive dispersion' specification in this device?
    • ⤷ Can the ADCMP581 be used with a single-ended power supply?