Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • AD8692ARMZ-R7

  • AI
    ### AD8692ARMZ-R7 Overview The **AD8692ARMZ-R7** is a high-performance, low-cost, dual-channel operational amplifier manufactured by Analog Devices. It is part of a family known for low noise and low input bias currents, making it ideal for high-impedance sensor interfaces and consumer electronics. --- ### Technical Specifications The following table summarizes the key electrical and physical characteristics of the AD8692ARMZ-R7: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | Dual (2) | | **Supply Voltage (Single)** | 2.7 V to 5.5 V | | **Gain Bandwidth Product** | 10 MHz | | **Slew Rate** | 5 V/µs | | **Input Bias Current** | 1 pA (Typical) | | **Offset Voltage** | 400 µV (Typical) | | **Noise Density** | 8 nV/√Hz @ 1 kHz | | **Output Type** | Rail-to-Rail | | **Package Type** | MSOP-8 (ARMZ suffix) | | **Operating Temperature** | -40°C to +125°C | --- ### Key Features 1. **CMOS Technology:** Provides extremely low input bias current (pico-ampere range), which is essential when working with high-impedance sources like photodiodes. 2. **Rail-to-Rail Output:** Allows the output signal to swing very close to the supply rails, maximizing the dynamic range in low-voltage systems. 3. **Low Noise:** With 8 nV/√Hz, it is suitable for audio pre-amplification and precision signal conditioning. 4. **High Speed:** A 10 MHz bandwidth and 5 V/µs slew rate allow the chip to handle fast signals without significant distortion. --- ### Part Number Breakdown Understanding the suffix helps in identifying the packaging and delivery format: * **AD8692:** The core model number (Dual CMOS Op-Amp). * **ARMZ:** Indicates the package type (MSOP - Mini Small Outline Package) and that it is RoHS compliant (Z). * **R7:** Indicates the tape and reel size (7-inch reel, typically containing 1,000 units). --- ### Typical Applications * **Photodiode Amplifiers:** Due to the low input bias current. * **Battery Powered Instrumentation:** Due to the low voltage operation and efficient power consumption. * **Audio Signal Conditioning:** Used in portable media players and consumer audio. * **ASIC Input/Output Amplifiers:** Driving Analog-to-Digital Converters (ADCs). ---
    ✨ Follow-up Questions
    • ⤷ How does the AD8692 compare to the AD8691 in terms of channel count and pinout?
    • ⤷ What are the advantages of using the MSOP-8 package over a standard SOIC-8?
    • ⤷ What is the maximum output current this op-amp can drive?