Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • AD8668WARUZ-R7

  • AI
    The **AD8668WARUZ-R7** is a high-precision, quad-channel, rail-to-rail input and output (RRIO) operational amplifier manufactured by Analog Devices. It is specifically designed for low-power, high-voltage applications, often within the automotive sector. --- ### ## Technical Specifications Below are the primary electrical characteristics of the AD8668WARUZ-R7: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 4 (Quad) | | **Supply Voltage (Single)** | 5V to 16V | | **Supply Voltage (Dual)** | ±2.5V to ±8V | | **Gain Bandwidth Product** | 4 MHz | | **Slew Rate** | 3.5 V/µs | | **Offset Voltage (Max)** | 2.5 mV | | **Input Bias Current** | 1 pA (typical) | | **Operating Temperature** | -40°C to +125°C | | **Package / Case** | 14-TSSOP | --- ### ## Key Features and Part Number Breakdown The suffixing in the part number provides specific information about its grade and packaging: 1. **AD8668**: The base model series. Known for low noise and low input bias current using DigiTrim® technology. 2. **W**: Indicates **Automotive Grade**. This part is AEC-Q100 qualified for use in harsh automotive environments. 3. **ARUZ**: Refers to the package type (TSSOP) and the lead-free (RoHS compliant) construction. 4. **R7**: Indicates the packaging format, specifically a **7-inch Tape and Reel** (usually containing 1,000 units). --- ### ## Advantages & Applications #### ### Advantages * **Low Input Bias Current:** Utilizing CMOS inputs, it is ideal for photodiode preamps or high-impedance sensors. * **Rail-to-Rail Performance:** Allows for maximum dynamic range, which is critical when operating on lower supply voltages like 5V. * **High Voltage Range:** Unlike many CMOS op-amps limited to 5V, this part handles up to 16V, making it versatile for industrial and automotive batteries. #### ### Common Applications * **Automotive Systems:** Battery monitoring, sensor interface, and ECU signal conditioning. * **Medical Instrumentation:** Low-power portable monitoring devices. * **Sensor Buffering:** Interfacing with capacitive or high-impedance sensors. * **Precision Filters:** Active filter designs requiring high input impedance. --- ### ## Functional Block Diagram (Simplified) ```text V+ (Pin 4) | +-----+-----+-----+-----+ | | | | | [OpAmp1][OpAmp2][OpAmp3][OpAmp4] | | | | | +-----+-----+-----+-----+ | V- (Pin 11) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the AD8668 and the AD8665 versions?
    • ⤷ What are the specific AEC-Q100 stress test qualifications for this part?
    • ⤷ How does DigiTrim technology improve the offset voltage in this op-amp?