Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • AD8666ARMZ-R2

  • AI
    The **AD8666ARMZ-R2** is a high-precision, dual-channel, rail-to-rail input and output operational amplifier (Op-Amp) manufactured by Analog Devices. It is part of the DigiTrim® family, which offers low offset voltage and high performance at a relatively low power consumption. --- ### ## Technical Specifications The following table outlines the primary electrical characteristics of the AD8666ARMZ-R2: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | Dual (2) | | **Supply Voltage (Single)** | 5V to 16V | | **Supply Voltage (Dual)** | ±2.5V to ±8V | | **Gain Bandwidth Product** | 4 MHz | | **Slew Rate** | 2.5 V/µs | | **Offset Voltage (Max)** | 600 µV | | **Input Bias Current** | 1 pA (typical) | | **Output Type** | Rail-to-Rail | | **Operating Temperature** | -40°C to +125°C | | **Package / Case** | MSOP-8 (ARMZ suffix) | --- ### ## Key Features 1. **Low Input Bias Current:** With a typical bias current in the picoampere (pA) range, this part is ideal for high-impedance sensor interfaces (like photodiode amplifiers). 2. **Rail-to-Rail Input/Output (RRIO):** The device allows the signal to swing very close to the supply rails, maximizing dynamic range in low-voltage systems. 3. **High Voltage Range:** Unlike many modern CMOS op-amps limited to 5V, the AD8666 can operate up to 16V, making it versatile for industrial and automotive applications. 4. **DigiTrim® Technology:** This is a patented technique used by Analog Devices to trim the offset voltage during the final stages of manufacturing, ensuring high DC precision. --- ### ## Pin Configuration (MSOP-8) The AD8666 follows the industry-standard dual op-amp pinout: ```text MSOP-8 Top View +-------U-------+ OUT A | 1 8 | V+ -IN A | 2 7 | OUT B +IN A | 3 6 | -IN B V- | 4 5 | +IN B +---------------+ ``` --- ### ## Applications * **Sensor Signal Conditioning:** Thermocouples, RTDs, and pressure sensors. * **Medical Instrumentation:** Low-power portable diagnostic equipment. * **Photodiode Amplifiers:** Due to the ultra-low input bias current. * **Active Filters:** High-order filters requiring precision components. * **Automotive Systems:** Battery monitoring and control units.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8666 and the AD8665?
    • ⤷ How does DigiTrim technology compare to traditional laser trimming?
    • ⤷ Can you provide a circuit example for a photodiode amplifier using this chip?