Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • AD8661ACPZ-R2

  • AI
    The **AD8661ACPZ-R2** is a high-precision, low-noise CMOS operational amplifier manufactured by Analog Devices. It is part of the DigiTrim® family, known for its rail-to-rail output swing and very low input bias currents. --- ## 🛠 Key Specifications | Parameter | Specification | | :--- | :--- | | **Amplifier Type** | Precision CMOS | | **Number of Channels** | 1 (Single) | | **Supply Voltage (Single)** | 5V to 16V | | **Supply Voltage (Dual)** | ±2.5V to ±8V | | **Gain Bandwidth Product** | 4 MHz | | **Slew Rate** | 3.5 V/µs | | **Input Bias Current** | 1 pA (Typical) | | **Offset Voltage** | 100 µV (Max) | | **Package / Case** | 8-LFCSP (3x3 mm) | --- ## 🔍 Core Electronic Features ### 1. DigiTrim® Technology The "DigiTrim" prefix refers to a patented technique used during the final stages of manufacturing to trim the input offset voltage. This ensures the device maintains high DC precision without the need for external trimming by the user. ### 2. Rail-to-Rail Output The AD8661 allows the output signal to swing very close to the supply rails (within millivolts). This is critical in low-voltage systems (like 5V supplies) to maximize the dynamic range of the signal. ### 3. Extremely Low Input Bias Current Because the inputs are CMOS-based, the bias current is typically around **1 pA**. This makes it an ideal choice for: * Photodiode transimpedance amplifiers. * High-impedance sensor interfaces. * Precision integrators. ### 4. Low Noise It features a low voltage noise density (approximately $10 \text{ nV}/\sqrt{\text{Hz}}$ at 1 kHz), which is impressive for a high-voltage CMOS process, minimizing error in sensitive measurement circuits. --- ## 📦 Package and Ordering Information The suffix **"ACPZ-R2"** provides specific details about the physical format: * **ACPZ**: Indicates a Lead Frame Chip Scale Package (LFCSP), which is a very small, thermally efficient surface-mount package. * **R2**: Refers to the Tape and Reel size (usually a 7-inch reel containing 250 units). --- ## 💡 Typical Applications * **Sensor Conditioning:** Weigh scales, pressure sensors, and strain gauges. * **Medical Instrumentation:** Low-power ECG or pulse oximetry. * **Data Acquisition:** Buffering for high-resolution 16-bit ADCs. * **Communications:** Filters and signal alignment in telecom equipment.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8661 and its dual-channel version
    • ⤷ the AD8662?
    • ⤷ How does the LFCSP package compare to the SOIC package in terms of thermal performance?
    • ⤷ Can the AD8661 be used in a single 3.3V power supply system?