Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • AD8651ARM-R2

  • AI
    ## Overview of AD8651ARM-R2 The **AD8651ARM-R2** is a high-precision, ultra-low noise, rail-to-rail input and output (RRIO) operational amplifier manufactured by Analog Devices. It is specifically designed for low-voltage applications that require high speed and high accuracy. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8651: | Parameter | Specification | | :--- | :--- | | **Bandwidth** | 50 MHz | | **Slew Rate** | 41 V/µs | | **Supply Voltage Range** | 2.7 V to 5.5 V | | **Input Noise Density** | 5 nV/√Hz (at 10 kHz) | | **Offset Voltage (Max)** | 350 µV | | **Input Bias Current** | 1 pA (typical) | | **Output Current** | up to 40 mA | | **Package Type** | MSOP-8 (ARM designation) | --- ### 2. Core Features * **High Speed:** With a 50 MHz gain-bandwidth product, it is suitable for fast signal processing. * **DigiTrim® Technology:** Analog Devices uses a patented digital trimming technique at the wafer level to minimize offset voltage, ensuring high DC precision. * **Low Noise/Distortion:** Low harmonic distortion and low voltage noise make it ideal for audio and high-resolution data acquisition. * **Rail-to-Rail I/O:** The output can swing very close to the supply rails, maximizing the dynamic range even at low 2.7V supplies. --- ### 3. Pin Configuration (MSOP-8) The "ARM" suffix refers to the 8-lead MSOP package. The pinout is standard for a single op-amp: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 5, 8 | NC | No Internal Connection | | 2 | -IN | Inverting Input | | 3 | +IN | Non-inverting Input | | 4 | V- | Negative Power Supply | | 6 | OUT | Amplifier Output | | 7 | V+ | Positive Power Supply | --- ### 4. Common Applications * **Optical Networking:** Used in transimpedance amplifiers (TIA) for photodiode buffering. * **Data Acquisition:** High-speed drivers for Analog-to-Digital Converters (ADCs). * **Medical Instrumentation:** Low-noise pre-amplifiers for sensors. * **Consumer Electronics:** High-fidelity audio amplification and filtering. --- ### 5. Part Number Breakdown * **AD8651:** The base model number (Single high-speed CMOS Op-Amp). * **ARM:** Refers to the **MSOP-8** package and temperature range (-40°C to +125°C). * **R2:** Indicates the packaging format, specifically a **7-inch Reel** (containing 250 units). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8651 and its dual-channel version
    • ⤷ the AD8652?
    • ⤷ Can the AD8651 be used in a transimpedance amplifier configuration for high-speed photodiodes?
    • ⤷ What are the thermal considerations for the MSOP-8 package in high-current output scenarios?