Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • AD8630WARZ-R7

  • AI
    ## Technical Overview: AD8630WARZ-R7 The **AD8630WARZ-R7** is a high-precision, quad-channel, zero-drift operational amplifier (Op-Amp) manufactured by Analog Devices. It is specifically designed for applications requiring high accuracy and stability over time and temperature. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Number of Channels** | 4 (Quad) | | **Input Offset Voltage** | 1 μV (typical), 5 μV (maximum) | | **Offset Drift** | 0.01 μV/°C | | **Operating Supply Voltage** | 2.7 V to 5 V | | **Rail-to-Rail** | Input and Output (RRIO) | | **Bandwidth** | 2.5 MHz | | **Package Type** | SOIC-14 (W suffix) | | **Qualification** | Automotive (AEC-Q100) | --- ### 2. Core Features & Architecture * **Zero-Drift Technology:** The AD8630 uses a "chopper-stabilized" architecture. This continuously corrects the internal offset voltage, virtually eliminating offset drift caused by temperature changes or aging. * **Rail-to-Rail Input/Output:** It can handle signals that span the full range of the power supply, making it ideal for low-voltage systems (like 3.3V or 5V logic). * **Low Noise:** Despite being a chopper-stabilized amp, it maintains low wideband noise, which is critical for high-resolution sensor interfaces. * **Automotive Grade:** The "W" in the part number indicates it is qualified for automotive use, meaning it can withstand harsh electrical and thermal environments. --- ### 3. Part Number Breakdown Understanding the suffix code helps in identifying the exact variant: * **AD8630**: Base part number (Quad zero-drift Op-Amp). * **W**: Automotive Qualified. * **ARZ**: **A** = Temperature Grade; **R** = SOIC Package; **Z** = RoHS Compliant (Lead-free). * **R7**: Shipped on a 7-inch Tape and Reel (Standard for automated assembly). --- ### 4. Common Applications 1. **Precision Sensors:** Interfacing with strain gauges, RTDs (Resistance Temperature Detectors), and thermocouples. 2. **Current Sensing:** Low-side or high-side current monitoring in battery management systems. 3. **Medical Instrumentation:** High-gain stages for ECG or EEG monitoring where DC precision is vital. 4. **Automotive Systems:** Precision control in Electronic Power Steering (EPS) or engine control units. ---
    ✨ Follow-up Questions
    • ⤷ How does the zero-drift architecture compare to traditional Op-Amps?
    • ⤷ What is the difference between the AD8630 and its dual-channel version
    • ⤷ the AD8628?
    • ⤷ What are the power consumption characteristics of this specific IC?