Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • AD8626ARM-R2

  • AI
    ## Overview of AD8626ARM-R2 The **AD8626ARM-R2** is a high-precision, dual, rail-to-rail input and output (RRIO), JFET operational amplifier manufactured by Analog Devices. It is specifically designed for applications requiring low bias current, high speed, and wide dynamic range. --- ### Technical Specifications The following table summarizes the key electrical characteristics of the AD8626 series: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Input Type** | JFET | | **Supply Voltage (Single)** | 5V to 26V | | **Supply Voltage (Dual)** | ±2.5V to ±13V | | **Gain Bandwidth Product** | 5 MHz | | **Slew Rate** | 5 V/µs | | **Input Bias Current** | 1 pA (typical) | | **Input Offset Voltage** | 500 µV (max) | | **Output Type** | Rail-to-Rail | | **Package Type** | MSOP-8 (ARM designation) | --- ### Key Internal Components and Features 1. **JFET Input Stage**: * The use of Junction Field Effect Transistors (JFETs) at the input ensures extremely low input bias currents (picoampere range). This makes it ideal for interfacing with high-impedance sensors (e.g., photodiode amplifiers). 2. **Rail-to-Rail Input/Output (RRIO)**: * The internal architecture allows the signal to swing very close to both the positive and negative supply rails. This maximizes the dynamic range, especially in low-voltage systems. 3. **Low Noise and Distortion**: * The part is optimized for low total harmonic distortion (THD), making it suitable for high-fidelity audio and precision data acquisition. 4. **Low Offset Drift**: * It maintains accuracy over a wide temperature range, which is critical for industrial sensing. --- ### Part Number Breakdown: AD8626ARM-R2 * **AD**: Analog Devices (Manufacturer). * **8626**: The model series (Low power, JFET RRIO Op-Amp). * **ARM**: Refers to the package type. **MSOP** (Mini Small Outline Package) with 8 pins. * **R2**: Indicates the packaging format, typically referring to a **7-inch reel** containing 250 units (specific to tape and reel quantities). --- ### Typical Applications * **Photodiode Amplifiers**: Due to low bias current. * **Medical Instrumentation**: For ECG/EKG monitoring or blood analysis tools. * **Precision Filters**: High-order active filters. * **Level Shifting**: Transitioning signals for high-resolution ADCs.
    ✨ Follow-up Questions
    • ⤷What are the main differences between the AD8626 and the AD8627?
    • ⤷ How does the JFET input compare to a CMOS input in terms of noise?
    • ⤷ What is the recommended layout practice for the MSOP-8 package to minimize parasitic capacitance?