Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • AD8622ARMZ-R7

  • AI
    ## Technical Overview of the AD8622ARMZ-R7 The **AD8622ARMZ-R7** is a high-precision, low-power, dual-channel operational amplifier (op-amp) manufactured by **Analog Devices**. It is designed for applications requiring high DC accuracy and low power consumption, making it ideal for battery-powered instrumentation and sensor signal conditioning. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8622: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Supply Voltage (Single)** | 5V to 30V | | **Supply Voltage (Dual)** | ±2.5V to ±15V | | **Offset Voltage (Max)** | 40 μV | | **Input Bias Current** | 200 pA | | **Quiescent Current** | 350 μA per amplifier | | **Gain Bandwidth Product** | 560 kHz | | **Slew Rate** | 0.48 V/μs | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Physical Characteristics and Packaging * **Part Number Suffixes:** * **ARMZ:** Indicates the package type (MSOP - Mini Small Outline Package). * **R7:** Indicates the tape and reel packaging (7-inch reel). * **Package Type:** 8-Lead MSOP. * **Mounting Type:** Surface Mount (SMD). --- ### 3. Core Features and Benefits * **Rail-to-Rail Output:** Allows the output signal to swing very close to the supply rails, maximizing dynamic range. * **Low Offset Drift:** Ensures that the precision of the amplifier remains stable over varying temperatures (typically 0.5 μV/°C). * **Very Low Input Bias Current:** Utilizes a JFET or high-impedance input structure that minimizes errors when used with high-impedance sensors. * **Micropower Operation:** Consumes very little current, extending battery life in portable devices without sacrificing high-voltage capability. --- ### 4. Common Applications The AD8622 is widely used in industrial and medical environments, including: 1. **Precision Instrumentation:** Weigh scales and strain gauges. 2. **Medical Monitoring:** Portable ECG or EEG equipment. 3. **Sensor Interfaces:** Photodiode amplifiers and thermistor buffers. 4. **Battery Management Systems:** High-side current sensing and voltage monitoring. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8622 and its single-channel version
    • ⤷ the AD8624?
    • ⤷ Can this op-amp be used in high-speed signal processing applications?
    • ⤷ What are the recommended layout practices for minimizing noise in MSOP packages?