AD8390ACP-R2
AI

## Overview of the AD8390ACP-R2
The **AD8390ACP-R2** is a high-output current, low-power consumption differential amplifier manufactured by Analog Devices. It is primarily designed as a line driver for ADSL (Asymmetric Digital Subscriber Line) applications, specifically within the CPE (Customer Premises Equipment) market.
---
### Technical Specifications
The following table highlights the core electrical characteristics of the AD8390ACP-R2:
| Parameter | Specification |
| :--- | :--- |
| **Function** | Differential Line Driver |
| **Supply Voltage** | +5V to +12V |
| **Output Current** | 400 mA (Peak) |
| **Bandwidth (-3dB)** | 60 MHz |
| **Slew Rate** | 900 V/µs |
| **Package Type** | LFCSP-16 (Lead Frame Chip Scale Package) |
| **Low Distortion** | -82 dBc @ 1 MHz |
---
### Key Electronic Components & Features
#### 1. High Output Drive Capability
The device is engineered to provide high current drive (up to 400 mA). This is essential for driving low-impedance telephone lines over long distances while maintaining signal integrity.
#### 2. Power Management (Efficiency)
A critical feature of the AD8390 is its **adjustable quiescent current**.
* **Bias Control:** It allows designers to scale the power consumption based on the required output power.
* **Power-Down Mode:** It includes a shutdown pin to reduce power consumption to minimal levels when the driver is not in use.
#### 3. Differential Architecture
The AD8390 consists of two high-speed operational amplifiers configured to work in a differential input/output arrangement. This reduces common-mode noise and improves the dynamic range, which is vital for broadband data transmission.
#### 4. Thermal Management
Due to the high current output, the **LFCSP-16 package** includes an exposed thermal pad.
* **Design Requirement:** This pad must be soldered to the PCB ground plane to dissipate heat effectively. Failure to do so can lead to thermal throttling or component failure.
---
### Typical Application Circuit
In a standard DSL modem application, the AD8390 is used as follows:
1. **Input:** Receives a low-voltage differential signal from a Digital-to-Analog Converter (DAC) or AFE (Analog Front End).
2. **Amplification:** Boosts the signal while maintaining high linearity to prevent bit errors.
3. **Output:** Drives the signal through a transformer (usually a 1:1 or 1:2 ratio) onto the twisted-pair copper telephone line.
---
### Comparison with Standard Op-Amps
Unlike general-purpose op-amps, the AD8390 is optimized specifically for **Linearity vs. Power**. In the world of DSL, maintaining low "Multi-Tone Power Ratio" (MTPR) distortion is more important than raw gain, as distortion causes data packets to drop.
- ⤷
What are the specific pinout functions for the LFCSP-16 package of the AD8390?
- ⤷ How does the bias adjustment affect the Multi-Tone Power Ratio (MTPR) in this chip?
- ⤷ What are the recommended thermal relief techniques for the AD8390 on a 4-layer PCB?