Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • AD8352ACPZ-R2

  • AI
    The **AD8352ACPZ-R2** is a high-performance, ultra-low distortion differential amplifier designed primarily to drive high-speed Analog-to-Digital Converters (ADCs). It is manufactured by Analog Devices and belongs to the category of **High-Speed Differential Amplifiers**. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Bandwidth (-3 dB)** | 2.2 GHz | | **Gain Range** | 3 dB to 25 dB (User-set via external resistor) | | **Supply Voltage** | 3.0 V to 5.5 V | | **Supply Current** | ~37 mA | | **Distortion (OIP3)** | 41 dBm at 200 MHz | | **Input Noise (RTI)** | 2.7 nV/√Hz | | **Package Type** | 16-lead LFCSP (3mm x 3mm) | --- ### 2. Functional Components and Architecture The AD8352 is built with a specific architecture to handle differential signals in high-frequency environments: * **Gain Control (R_G):** Unlike fixed-gain amplifiers, the gain of the AD8352 is set by a single external resistor ($R_G$). This allows for flexibility in signal chain design. * **Common-Mode Control (VOCM):** It features a pin to set the output common-mode voltage, making it easy to match the input requirements of high-speed ADCs. * **Internal Balun/Coupling:** It can take a single-ended input and convert it to a balanced differential output with minimal phase error. --- ### 3. Pinout and Physical Characteristics The **"ACPZ-R2"** suffix indicates specific packaging and shipping details: * **AC:** Temperature range (-40°C to +85°C). * **P:** Lead-free/RoHS compliant. * **Z:** LFCSP (Lead Frame Chip Scale Package). * **R2:** Small reel (typically 250 units). --- ### 4. Typical Applications The AD8352 is commonly used in RF and IF signal chains: 1. **ADC Driving:** Primarily used to buffer and amplify signals before entering 12-bit to 16-bit high-speed ADCs (e.g., AD9268). 2. **Differential Signal Processing:** Converting single-ended RF signals to differential signals for better noise immunity. 3. **Communication Systems:** Used in cellular base stations, point-to-point radios, and instrumentation. --- ### 5. Simple Implementation Diagram To set the gain, the external resistor is connected as follows: ```text +Vcc | [AD8352] +-----+ R_G IN+| |----[###]---- OUT+ IN-| | OUT- +-----+ | GND ```
    ✨ Follow-up Questions
    • ⤷ What is the formula to calculate the external resistor value for a specific gain?
    • ⤷ How does the AD8352 compare to the AD8138 in terms of bandwidth?
    • ⤷ What are the recommended layout practices for the 16-lead LFCSP package to manage heat?