Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • AD8305ACPZ-R2

  • AI
    The **AD8305ACPZ-R2** is a high-performance, logarithmic converter (log amp) specifically designed for measuring optical power in fiber optic systems. It is manufactured by Analog Devices and is optimized for monitoring photodiode current. --- ### ## 1. Technical Specifications The following table summarizes the key electrical characteristics of the AD8305: | Parameter | Specification | | :--- | :--- | | **Input Current Range** | 10 nA to 1 mA (80 dB Dynamic Range) | | **Supply Voltage** | 3.0 V to 12 V (Single Supply) | | **Logarithmic Slope** | 200 mV/decade (Adjustable) | | **Output Voltage Range** | 0.25 V to 2.5 V | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | 16-Lead LFCSP (3mm x 3mm) | --- ### ## 2. Functional Components The AD8305 consists of several critical internal stages that allow it to convert a wide range of input currents into a linear voltage output: 1. **Translinear Core:** The "heart" of the chip. It uses the logarithmic relationship between the base-emitter voltage ($V_{BE}$) and the collector current ($I_C$) of bipolar transistors. 2. **Adaptive Biasing:** This ensures the device maintains accuracy even at extremely low input currents (nanoamps). 3. **Reference Current Source ($I_{REF}$):** An internal 10 µA reference current is used to define the intercept point where the output voltage is zero (or a known offset). 4. **Buffer Amplifier:** An internal op-amp that scales the log signal to the desired output slope (defaulting to 200 mV per decade). --- ### ## 3. Typical Application Circuit When designing with the AD8305, it is usually paired with a **PIN Photodiode**. Below is a simplified representation of the signal flow: ```text [Photodiode] -> (INPT Pin) -> [Logarithmic Core] -> [Gain Stage] -> (VOUT Pin) ^ [10uA Reference] ``` --- ### ## 4. Key Advantages * **Wide Dynamic Range:** It can handle signals spanning 4 to 5 orders of magnitude, which is essential for optical fibers where signal strength varies significantly. * **High Precision:** Offers excellent linearity (typically <0.1 dB error) over the central part of its current range. * **Small Footprint:** The ACPZ suffix indicates a Lead Frame Chip Scale Package (LFCSP), making it ideal for space-constrained SFP (Small Form-factor Pluggable) modules. ---
    ✨ Follow-up Questions
    • ⤷ How do you adjust the logarithmic slope of the AD8305 using external resistors?
    • ⤷ What are the main differences between the AD8305 and the AD8304?
    • ⤷ Can the AD8305 be used for voltage-to-logarithmic conversion instead of current?