Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • AD8003ACPZ-R2

  • AI
    The **AD8003ACPZ-R2** is a high-performance, ultra-high-speed current feedback amplifier manufactured by Analog Devices. It is specifically designed for demanding video and wideband signal processing applications. --- ## 1. Technical Specifications The following table highlights the primary electrical characteristics of the AD8003ACPZ-R2: | Parameter | Specification | | :--- | :--- | | **Type** | Triple Current Feedback Amplifier | | **Bandwidth (-3 dB)** | 1.5 GHz (G = +1) | | **Slew Rate** | 4300 V/µs | | **Settling Time** | 12 ns to 0.1% | | **Supply Voltage Range** | ±4V to ±6V (or 8V to 12V single) | | **Output Current** | 100 mA | | **Package** | 24-Lead LFCSP (4mm x 4mm) | --- ## 2. Key Internal Components & Features The device is integrated with three independent amplifiers within a single silicon die, optimized for high-frequency performance. ### A. Current Feedback Architecture Unlike standard voltage feedback amplifiers, the AD8003 uses **Current Feedback (CFB)**. * **Advantage:** The closed-loop bandwidth is relatively independent of the gain. * **Benefit:** This allows for very high slew rates (4300 V/µs), preventing signal distortion during rapid transitions. ### B. Triple Amplifier Configuration Having three amplifiers in one package makes it ideal for handling **RGB (Red, Green, Blue)** or **YPbPr (Component Video)** signals simultaneously with excellent matching between channels. ### C. Thermal Management (LFCSP Package) The "ACPZ" suffix indicates a Lead Frame Chip Scale Package. This includes an **exposed thermal pad** on the bottom, which must be soldered to the PCB ground plane to dissipate heat generated by its high-speed operation. --- ## 3. Pinout and Integration When designing a circuit with the AD8003, attention to power supply decoupling and feedback resistor selection is critical. ### Typical Application Diagram (Logic) ```text +Vs (Pin 20) | +-----+-----+ | AD8003 | IN--|+ (Non-Inv)|---- OUTPUT | | |- (Inv) |--[ Rf ]--+ +-----+-----+ | | [Rg] -Vs (Pin 21) | GND ``` --- ## 4. Common Applications * **Professional Video:** Switching and routing for high-definition video. * **Instrumentation:** High-speed pulse amplification and data acquisition. * **Communication:** Baseband I/Q signal processing. * **ADC Drivers:** Buffering high-speed Analog-to-Digital Converters. ---
    ✨ Follow-up Questions
    • ⤷What is the significance of the 'R2' suffix in the part number?
    • ⤷ How does the feedback resistor value (Rf) affect the stability of this current feedback amplifier?
    • ⤷ What are the recommended decoupling capacitor values for the AD8003?