Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • AD5175BCPZ-10-R2

  • AI
    The **AD5175BCPZ-10-R2** is a high-performance, single-channel, digital potentiometer manufactured by Analog Devices. It is specifically designed for precision applications where stability and fine-tuning are critical. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resistance** | 10 kΩ | | **Resolution** | 1024 Positions (10-bit) | | **Interface** | I²C Compatible | | **Memory Type** | 50-Times Programmable (OTP) | | **Voltage Supply (Single)** | 2.7 V to 5.5 V | | **Voltage Supply (Dual)** | ±2.5 V to ±2.75 V | | **Package** | 10-Lead LFCSP (3mm x 3mm) | | **Temperature Drift** | 35 ppm/°C | --- ### 2. Functional Breakdown #### A. 1024-Step Resolution Unlike standard 256-step potentiometers, the AD5175 offers **10-bit resolution**. This allows for extremely granular control over the resistance value, making it ideal for calibration circuits where minute adjustments are necessary. #### B. 50-Times Programmable (OTP) Memory This part features "50-Times Programmable" memory. This bridges the gap between volatile digital pots (which lose settings on power-down) and traditional OTP pots: * **Wiper Settings:** You can test various settings in volatile mode. * **Permanence:** Once the desired setting is found, it can be burned into the memory up to 50 times. This is useful for recalibrating devices later in their lifecycle. #### C. Tolerance and Accuracy The device boasts a low resistance tolerance of **±1%**, which is significantly better than the industry standard (often ±20%). This eliminates the need for external series resistors to compensate for inaccuracy. --- ### 3. Application Use Cases * **VCOM Adjustment:** Used in LCD panels to adjust the common-mode voltage. * **Instrumentation:** Gain control in operational amplifier circuits. * **Sensor Calibration:** Fine-tuning the offset and gain of analog sensors. * **Mechanical Potentiometer Replacement:** Replacing physical trimmers to allow for automated, software-driven calibration during manufacturing. --- ### 4. Implementation Example (Basic I²C Write) To set the wiper position via the I²C interface, a controller typically sends the device address followed by a command byte and the 10-bit data value. ```c // Pseudo-code for setting the AD5175 Wiper void set_wiper_value(uint16_t value) { // 0x2F is a common base address for AD5175 I2C_Start(0x2F); I2C_Write(0x05); // Command to write to RDAC register I2C_Write((value >> 8) & 0x03); // Top 2 bits of 10-bit value I2C_Write(value & 0xFF); // Bottom 8 bits I2C_Stop(); } ```
    ✨ Follow-up Questions
    • ⤷ How does the 50-Times Programmable memory differ from standard EEPROM in digital potentiometers?
    • ⤷ Can the AD5175 be used in an AC signal path
    • ⤷ and what are the voltage limits?
    • ⤷ What are the advantages of the 1% resistance tolerance for precision analog circuits?