Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ABM2-RARA2-M2SLASHQ

  • AI
    The part number **ABM2-RARA2-M2-Q** (frequently stylized with a slash or specific suffixes) refers to a specialized **Industrial Micro-Switch** or Limit Switch, typically manufactured by companies like **Honeywell** or specialized industrial component suppliers. These switches are designed for heavy-duty feedback and position sensing in harsh environments. --- ### Technical Breakdown | Component Attribute | Description | | :--- | :--- | | **Component Type** | Electromechanical Limit Switch / Micro-switch | | **Actuator Type** | Roller Plunger or Adjustable Roller Lever (depending on specific revision) | | **Housing Material** | Die-cast Metal or High-impact Thermoplastic | | **Contact Configuration** | 1NO / 1NC (Normally Open / Normally Closed) - SPDT | | **Termination** | M12 Connector or Pre-wired (indicated by the "M2" suffix) | ### Key Specifications * **Switching Capacity:** Usually rated for **10A at 250VAC** or **6A at 24VDC**. * **Protection Rating:** **IP67** (Dust-tight and protected against immersion in water). * **Mechanical Life:** Typically rated for 10 to 20 million cycles. * **Operating Temperature:** Ranges from **-25°C to +80°C**. ### Functional Features 1. **Positive Opening:** The "RARA" sequence often denotes a design compliant with safety standards (like IEC 60947-5-1), ensuring that the contacts are physically forced apart even if they weld together. 2. **Modular Design:** The "M2" designation usually refers to the electrical connection style, often an **M12 4-pin/5-pin quick-disconnect**, allowing for rapid replacement without rewiring the entire machine. 3. **Q-Suffix:** Typically indicates a "Quick Connect" variant or a specific quality-assured industrial packaging standard. --- ### Common Applications * **Assembly Lines:** Detecting the presence or position of a pallet or product. * **Safety Gates:** Monitoring whether a machine guard is open or closed. * **Elevators/Lifts:** Leveling and floor position sensing. * **CNC Machinery:** Limiting the travel distance of axes to prevent mechanical damage.
    ✨ Follow-up Questions
    • ⤷ What are the wiring pinouts for the M12 connector version of this switch?
    • ⤷ Is this switch rated for explosive environments (ATEX)?
    • ⤷ What is the difference between the ABM2 and the ABM3 series?