Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ABM2-RARA1-M2

  • AI
    The **ABM2-RARA1-M2** is a specific part number for a surface-mount Quartz Crystal manufactured by **Abracon**. This component is primarily used to provide a stable frequency reference for microprocessors, microcontrollers, and wireless communication circuits. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Component Type** | Quartz Crystal (Resonator) | | **Package / Case** | 4-SMD, No Lead (6.00mm x 3.50mm) | | **Frequency Range** | Typically 8.0 MHz to 50.0 MHz (Series specific) | | **Frequency Stability** | ±50ppm (Standard for RARA configuration) | | **Load Capacitance** | 18pF (Standard for M2 suffix) | | **Operating Temp Range** | -40°C ~ +85°C | | **Mounting Type** | Surface Mount (SMT) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the exact variant: * **ABM2**: Refers to the series (6.0 x 3.5 x 1.2 mm 4-pad Glass Seal Crystal). * **RA**: Indicates the frequency tolerance (usually ±50ppm at 25°C). * **RA**: Indicates the frequency stability over the operating temperature range (±50ppm). * **1**: Denotes the standard operating temperature range (-40°C to +85°C). * **M2**: Specifies the custom load capacitance (typically 18pF). --- ### 3. Circuit Integration In a typical electronic design, this crystal is connected to the **OSC_IN** and **OSC_OUT** pins of an IC. To ensure oscillation, external load capacitors ($C_1, C_2$) are required. #### Calculation for External Capacitors: The formula to determine the necessary external capacitors based on the $C_L$ (18pF) of the ABM2 is: `C_L = (C1 * C2) / (C1 + C2) + C_stray` ```python # Example Calculation in Python cl = 18.0 # Target Load Capacitance in pF c_stray = 5.0 # Typical PCB stray capacitance # Assuming C1 = C2 = C_ext # C_ext = 2 * (cl - c_stray) c_ext = 2 * (cl - c_stray) print(f"Required external capacitors: {c_ext} pF") ``` --- ### 4. Key Applications * **Communication:** Bluetooth, Wi-Fi, and Zigbee modules. * **Computing:** Clock source for MCUs and FPGAs. * **Industrial:** Measuring instruments and automation controllers. * **Consumer:** High-density portable electronics where the low profile (1.2mm) is beneficial.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives to the ABM2 series for smaller PCB footprints?
    • ⤷ How does stray capacitance affect the frequency accuracy of this crystal?
    • ⤷ What is the difference between a crystal resonator like this and a crystal oscillator?