Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ABFW401-R

  • AI
    ## Detailed Overview of ABFW401-R The **ABFW401-R** is a specific industrial control component, part of the **TW series** manufactured by **IDEC**. It is primarily a push-button switch designed for heavy-duty applications in panels and machinery. --- ### 1. Technical Specifications The part number can be broken down to understand its electronic and physical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | TW Series | 22mm NEMA style heavy-duty switches | | **Button Style** | Mushroom Head | Large, easy-to-press 40mm diameter head | | **Function** | Momentary | Returns to original position after being released | | **Contact Configuration** | 1NC (Normally Closed) | Breaks the circuit when pressed | | **Color** | Red (-R) | Typically used for stop or caution functions | | **Mounting Hole** | 22mm | Standard industrial cutout size | --- ### 2. Electrical Contact Ratings The electronic functionality is defined by its contact block. IDEC TW series blocks are generally rated for: * **Thermal Current ($I_{th}$):** 10A * **Insulation Voltage ($U_i$):** 600V * **Operating Voltage:** * **AC:** 120V @ 10A, 240V @ 6A, 480V @ 2A * **DC:** 110V @ 2.2A, 220V @ 1.1A * **Contact Resistance:** 50m$\Omega$ maximum (initial value) --- ### 3. Key Electronic Components #### A. The Contact Block The "401" in the part number indicates the contact arrangement. * **4** represents the button style (Mushroom). * **01** indicates **0 Normally Open (NO)** and **1 Normally Closed (NC)** contact. * The contacts are usually silver-plated for high conductivity and durability. #### B. Terminal Design The unit features **M3.5 screw terminals** with captive wire clamps. This allows for secure physical connections to electrical wires, ensuring consistent current flow even in high-vibration environments. #### C. Operational Durability * **Mechanical Life:** Up to 5,000,000 operations. * **Electrical Life:** Up to 500,000 operations (depending on load). --- ### 4. Environmental & Safety Standards The ABFW401-R is built to withstand harsh industrial environments: * **IP Rating:** IP65 (Water and dust resistant). * **NEMA Ratings:** Type 1, 2, 3, 3R, 4, 4X, 5, 12, 13. * **Certifications:** UL Listed, CSA Certified, TUV Approved, and CE Marked. ---
    ✨ Follow-up Questions
    • ⤷ Can the contact blocks on the ABFW401-R be stacked or replaced with NO contacts?
    • ⤷ What is the difference between a momentary mushroom head and a latching emergency stop?
    • ⤷ What size wire gauge is recommended for the M3.5 screw terminals?