Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • A-RJ45DFR

  • AI
    The **A-RJ45DFR** is a specific industrial-grade electronic component, typically categorized as a **Panel Mount RJ45 Connector** (often referred to as a "Feed-Through" or "Bulkhead" adapter). This part is designed to provide a secure, weather-resistant Ethernet connection point through a panel, enclosure, or wall without requiring complex termination of cables. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Category Rating** | Cat5e or Cat6 (Model dependent) | | **Mounting Style** | D-Series (XLR-style) Panel Mount | | **Configuration** | Female to Female (Coupler) | | **Contact Material** | Gold-plated phosphor bronze | | **Housing Material** | Zinc Die-cast or High-grade Thermoplastic | --- ### 2. Functional Electronic Design The A-RJ45DFR operates as a **passive bridge**. Its internal electronic structure consists of two mirrored RJ45 female ports connected by a high-speed PCB (Printed Circuit Board) or a direct lead frame. * **Shielding:** Most versions feature internal metallic shielding to prevent **EMI (Electromagnetic Interference)** and **RFI (Radio Frequency Interference)**, which is critical for maintaining signal integrity in industrial environments. * **Gold Plating:** The pins are usually plated with 50 micro-inches of gold. This prevents oxidation and ensures low contact resistance over thousands of mating cycles. * **Feed-Through Architecture:** It allows for "Plug-and-Play" installation. You plug a standard patch cable into the rear and another into the front. --- ### 3. Physical & Mechanical Features * **D-Shape Flange:** It follows the industry-standard "D-Series" footprint (standardized by Neutrik). This makes it compatible with pre-punched racks and patch panels used in audio, video, and stage lighting. * **Front/Rear Mounting:** It can be mounted from either the front or the back of a panel. * **Durability:** Unlike standard plastic wall jacks, the DFR series is built to withstand mechanical stress, vibration, and frequent plugging/unplugging. --- ### 4. Common Applications 1. **Industrial Control Panels:** Bringing Ethernet connectivity outside a sealed NEMA enclosure. 2. **Stage & Touring:** Used in rack-mount gear for digital audio protocols (Dante, AES67). 3. **Data Centers:** High-density patch panels where quick reconfiguration is necessary. 4. **Outdoor Equipment:** When paired with a sealing gasket, it can contribute to an IP65/67 rated connection. --- ### 5. Installation Example (Generic Wiring) Since this is a coupler, no manual wiring of individual strands is required. The internal pinout follows the standard **T568A/B** mapping: ```text Port A (External) <----Internal PCB----> Port B (Internal) Pin 1 (TX+) ---------------------------> Pin 1 (TX+) Pin 2 (TX-) ---------------------------> Pin 2 (TX-) ...and so on for all 8 pins. ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Cat5e and Cat6 versions of this connector?
    • ⤷ How do I ensure an IP65 waterproof rating when using this part?
    • ⤷ Does this connector support Power over Ethernet (PoE)?