Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • A-MCSSP60030Y-R

  • AI
    The **A-MCSSP60030Y-R** is a high-performance, shielded **Cat6a RJ45 Ethernet Modular Plug** manufactured by Assmann WSW Components. This specific part is designed for field termination or high-speed patch cable assembly in environments requiring 10-Gigabit data rates and protection against electromagnetic interference (EMI). --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 Modular Plug | | **Category Rating** | Cat6a (10Gbps performance) | | **Shielding** | Shielded (STP/FTP compatible) | | **Position/Contacts** | 8P8C (8 Positions, 8 Contacts) | | **Contact Plating** | Gold over Nickel (typically 50µ") | | **Mounting Type** | Cable Mount (Crimp) | | **Color** | Yellow (Specific to the "Y" suffix) | --- ### Key Component Details #### 1. Shielding and EMI Protection The "S" in the part number indicates **Shielded** construction. It features a metal outer shell that connects to the drain wire or foil of the Ethernet cable. This is critical for Cat6a applications to prevent "alien crosstalk" and external interference. #### 2. Material and Build * **Housing:** High-temperature, UL 94V-2 or 94V-0 rated clear polycarbonate. * **Contacts:** Phosphor bronze base with heavy gold plating to ensure low contact resistance and durability against oxidation over many mating cycles. * **The "Y" Suffix:** In Assmann’s naming convention, the "Y" indicates a **Yellow** colored housing or relief boot, used for color-coding network segments. #### 3. Termination Design This part is typically designed for **Round Solid or Stranded cables**. It utilizes a 3-prong contact design that pierces the insulation of the wires to create a gas-tight connection, ensuring signal integrity at frequencies up to 500 MHz. --- ### Typical Applications * **Data Centers:** Connecting servers to top-of-rack switches. * **Industrial Networking:** Environments with high electrical noise requiring shielded cables. * **Custom Patch Cords:** Field assembly of 10GBASE-T Ethernet links. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Cat6 and Cat6a RJ45 plugs?
    • ⤷ Which crimping tool is recommended for shielded Assmann modular plugs?
    • ⤷ What wire gauge (AWG) is compatible with the A-MCSSP60030Y-R?