Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • A-MCSSP60005-G-R

  • AI
    ## Electronic Overview: A-MCSSP60005-G-R The **A-MCSSP60005-G-R** is a specific networking component manufactured by **ASSMANN WSW Components**. It belongs to the category of modular connectors, specifically designed for high-performance Ethernet connectivity. --- ### Technical Specifications The following table outlines the core electrical and physical characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Component Type** | Modular Plug (RJ45) | | **Ethernet Category** | Cat6 / Cat6a | | **Shielding Type** | Shielded (STP/FTP) | | **Number of Positions** | 8 Positions, 8 Contacts (8P8C) | | **Contact Plating** | Gold Plated over Nickel | | **Mounting Type** | Cable Mount (Crimp) | | **Housing Material** | Polycarbonate (UL 94V-0) | | **Operating Temp** | -40°C to +85°C | --- ### Key Electronic Components & Functions 1. **Conductive Contacts (Pins):** - The pins are typically made of phosphor bronze. - The **Gold Plating** (often 50 micro-inches) is crucial to prevent oxidation and ensure low contact resistance over time, which is vital for high-speed data transmission. 2. **Shielding (The Metal Shell):** - The "G" and "R" in the suffix often denote specific shielding and RoHS compliance. - The metallic outer wrap acts as a **Faraday Cage**, protecting the signal wires from Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI). 3. **Strain Relief / Load Bar:** - This part usually includes a "load bar" or wire guide. Electronically, this ensures that wire twists are maintained as close to the contact point as possible, minimizing **Crosstalk (NEXT/FEXT)**. 4. **Insulation Displacement Contacts (IDC):** - When crimped, the internal blades pierce the insulation of the copper strands. This creates a gas-tight electronic connection between the cable and the plug. --- ### Typical Usage This part is commonly used in industrial networking equipment, high-end patch cables, and server environments where **Shielded Twisted Pair (STP)** cabling is required to maintain signal integrity in electrically noisy environments.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this Cat6 connector and a standard Cat5e plug?
    • ⤷ What specific crimping tool is recommended for this ASSMANN model?
    • ⤷ Does this part support Power over Ethernet (PoE) applications?