Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • A-MCSP-80020-R-R

  • AI
    The **A-MCSP-80020-R-R** is a specific type of modular networking cable, commonly referred to as an RJ45 Ethernet patch cable. Manufactured by **Assmann WSW Components**, it is designed for standard networking applications. ### 1. Technical Specifications The following table summarizes the key electrical and physical characteristics of this part: | Feature | Specification | | :--- | :--- | | **Part Number** | A-MCSP-80020-R-R | | **Connector Type** | RJ45 (8P8C) Plug to Plug | | **Cable Category** | Cat6 (Category 6) | | **Shielding** | S/FTP (Shielded Foiled Twisted Pair) | | **Length** | 2.0 Meters (approx. 6.56 feet) | | **Color** | Red | | **Jacket Material** | LSZH (Low Smoke Zero Halogen) | | **Wiring Configuration** | T568B (Standard straight-through) | --- ### 2. Key Component Features #### Shielding (S/FTP) Unlike standard UTP (Unshielded) cables, this part features **S/FTP** construction. This means: * Each individual pair is wrapped in foil. * There is an overall braid screen around all pairs. * **Benefit:** High immunity to Electromagnetic Interference (EMI) and Crosstalk, making it ideal for high-density server environments. #### Low Smoke Zero Halogen (LSZH) The outer jacket is made of LSZH material. In the event of a fire, this material: * Emits very limited smoke. * Produces no toxic halogen gases. * **Application:** Required in poorly ventilated areas or specific safety-regulated buildings (data centers, hospitals, tunnels). #### Performance (Cat6) Rated for frequencies up to **250 MHz**, this cable supports data transfer speeds of up to **10 Gbps** over shorter distances (though typically used for 1 Gbps in standard 100m runs). --- ### 3. Pinout Configuration As a standard networking cable, it follows the 8P8C (8 Position, 8 Contact) wiring scheme: ```text Pin 1: White/Orange (TX+) Pin 2: Orange (TX-) Pin 3: White/Green (RX+) Pin 4: Blue (Data) Pin 5: White/Blue (Data) Pin 6: Green (RX-) Pin 7: White/Brown (Data) Pin 8: Brown (Data) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between LSZH and PVC jackets in networking cables?
    • ⤷ Can this Cat6 cable be used in a Cat5e environment?
    • ⤷ What are the advantages of S/FTP shielding over UTP?