Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 88C54L-AF5-R

  • AI
    The **88C54L-AF5-R** is a specific integrated circuit, most commonly associated with **Voltage Detectors (Reset ICs)** manufactured by companies like UTC (Unisonic Technologies). It is designed to monitor power supply rails and provide a reset signal to processors or logic circuits when the voltage drops below a specific threshold. --- ## 1. Part Number Breakdown Understanding the suffix codes helps identify the specific electrical characteristics of the component: | Code Segment | Meaning | | :--- | :--- | | **88C** | Series identifier (Voltage Detector/Reset IC) | | **54** | Threshold Voltage (typically **5.4V**) | | **L** | Lead-free/Halogen-free compliance | | **AF5** | Package type (typically **SOT-25** or **SOT-23-5**) | | **R** | Tape & Reel packaging | --- ## 2. Technical Specifications The device acts as a supervisor for electronic systems to prevent erratic behavior during power-up or brown-out conditions. ### Core Parameters * **Detection Voltage:** 5.4V (Fixed threshold). * **Operating Voltage Range:** Typically 1.5V to 10V or 12V. * **Output Type:** Often **CMOS** (push-pull) or **Open Drain** (N-channel). * **Low Quiescent Current:** Usually < 1-3µA, making it ideal for battery-powered devices. * **Hysteresis:** Typically 5% of the detection voltage to prevent "chatter" or rapid switching. --- ## 3. Functionality and Pinout In a standard **SOT-23-5 (AF5)** package, the typical pin configuration is: 1. **Vout:** Reset output signal. 2. **Vdd:** Power supply input/Sense pin. 3. **Vss:** Ground. 4. **NC/CD:** No connection or Delay Capacitor (depending on specific sub-series). 5. **NC:** No connection. ### How it Works: 1. **Monitoring:** The IC monitors the voltage at the $V_{DD}$ pin. 2. **Triggering:** If $V_{DD}$ falls below the detection threshold (5.4V), the $V_{OUT}$ pin goes **LOW**. 3. **Recovery:** Once $V_{DD}$ rises above the threshold (plus hysteresis), $V_{OUT}$ returns to **HIGH**, allowing the microcontroller to start. --- ## 4. Common Applications * **Microprocessor Reset:** Ensuring the CPU starts only when power is stable. * **Battery Checkers:** Monitoring when a battery pack drops below a critical level. * **Level Discriminators:** Simple circuits that need to trigger an event at a specific voltage. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the CMOS and Open Drain output versions of this IC?
    • ⤷ How do I calculate the external resistor needed if using the Open Drain version?
    • ⤷ What is the typical hysteresis voltage for the 5.4V threshold model?