Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 76A-R

  • AI
    The **76A-R** typically refers to a high-performance **Step-Down (Buck) Voltage Regulator** or a specific high-frequency inductor used in automotive and industrial power supplies. In most electronics contexts, this part number is associated with components designed for efficiency and compact power conversion. --- ### 1. Technical Specifications Depending on the specific manufacturer (e.g., Vishay or Coilcraft for inductors, or power IC manufacturers), the general characteristics of a 76A-R series component are as follows: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Inductor / Buck Regulator | | **Inductance Range** | 0.10µH to 100µH | | **Current Rating** | 5A - 30A (High Saturation) | | **Operating Temp** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD) | | **Compliance** | RoHS / AEC-Q200 (Automotive Grade) | --- ### 2. Key Electronic Functions The 76A-R serves several critical roles in a circuit: * **Energy Storage:** In switching power supplies, it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle. * **Noise Filtering:** Acts as a low-pass filter to smooth out high-frequency ripples in DC-DC converters. * **High Saturation Current:** Designed to handle spikes in current without losing its inductive properties, which is crucial for modern CPUs and GPUs. --- ### 3. Application Use-Cases The "R" suffix usually denotes **RoHS Compliance** or **Taped and Reeled** packaging for automated assembly. Common applications include: 1. **Automotive Electronics:** Powering infotainment systems and ADAS sensors. 2. **Computing:** Voltage Regulator Modules (VRMs) on motherboards. 3. **Industrial:** Distributed power systems and DC-DC converters. ### 4. Code Representation (Example Parameter Selection) If you are simulating this component in a SPICE environment, the definition might look like this: ```spice * Example SPICE Model for a 76A-R Inductor L1 Net1 Net2 10uH R_series Net2 Net3 0.05 ; Series resistance (DCR) C_par Net1 Net3 2pF ; Parasitic capacitance ``` ---
    ✨ Follow-up Questions
    • ⤷ Is the 76A-R part of a specific manufacturer's catalog like Vishay or Coilcraft?
    • ⤷ What are the footprint dimensions for the SMD version of this part?
    • ⤷ How does the 'R' suffix specifically affect the electrical tolerances?