Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 730-R

  • AI
    The **730-R** typically refers to a high-performance **Programmable Logic Controller (PLC) Relay Module** or a specific series of **industrial control components** (often associated with brands like Rockwell Automation/Allen-Bradley or general electronic relay interfaces). Below is a breakdown of the electronic architecture and parts commonly found in these units. --- ## 1. Core Electronic Components The 730-R series focuses on switching high-current loads using low-current control signals. | Component | Function | Technical Detail | | :--- | :--- | :--- | | **Electromagnetic Coil** | Actuator | Converts electrical energy into magnetic force to move the contacts. | | **Switching Contacts** | Power Path | Usually made of Silver Cadmium Oxide or Silver Tin Oxide for arc resistance. | | **Flyback Diode** | Protection | Suppresses voltage spikes (EMF) when the coil is de-energized. | | **LED Indicator** | Status | Provides visual confirmation of the relay's "On/Off" state. | | **Terminal Blocks** | Connection | Screw-down or spring-clamp points for wiring inputs and outputs. | --- ## 2. Technical Specifications Most 730-R modules are designed for DIN-rail mounting in industrial control panels. ### Electrical Characteristics * **Control Voltage (Input):** Typically 24V DC or 120V/240V AC depending on the specific model suffix. * **Contact Rating:** Often rated for 10A to 15A at 250V AC. * **Contact Configuration:** Usually SPDT (Single Pole Double Throw) or DPDT (Double Pole Double Throw). ### Physical Features * **Socket Base:** Allows for the relay to be swapped without disconnecting the wiring. * **Retaining Clip:** Ensures the relay remains seated during high-vibration environments. --- ## 3. Circuit Operation The electronic logic follows a standard **Isolation Principle**: 1. **Input Side (Low Voltage):** The PLC or controller sends a signal to the 730-R input. 2. **Opto-Isolation (Optional):** Some high-end 730-R modules include an optocoupler to physically separate the control circuit from the high-power circuit. 3. **Activation:** The coil creates a magnetic field, pulling the armature. 4. **Output Side (High Voltage):** The contacts close, completing the circuit for a motor, heater, or solenoid. --- ## 4. Maintenance and Troubleshooting When dealing with the 730-R electronics, look for these common issues: * **Contact Pitting:** Black carbon buildup on the silver contacts from repeated arcing. * **Coil Burnout:** Caused by overvoltage or prolonged activation beyond duty cycle limits. * **Mechanical Wear:** The spring mechanism losing tension over millions of cycles.
    ✨ Follow-up Questions
    • ⤷ What is the specific wiring diagram for the 730-R input pins?
    • ⤷ How does a 730-R relay differ from a Solid State Relay (SSR)?
    • ⤷ What are the common failure modes of the 730-R coil?