Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 7133LA55G

  • AI
    ## Detailed Technical Overview of the 7133LA55G The **7133LA55G** is a high-speed, low-power **Dual-Port Static RAM (SRAM)** manufactured by Renesas Electronics (formerly IDT - Integrated Device Technology). It is designed to allow two independent systems to access the same memory space simultaneously. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Capacity** | 32K (2K x 16-bit) | | **Access Time** | 55 ns (Nanoseconds) | | **Operating Voltage** | 5.0V (±10%) | | **Interface** | Parallel (Dual-Port) | | **Package Type** | PGA (Pin Grid Array) - indicated by the 'G' suffix | | **Power Consumption** | Low Power ('LA' version) | | **Temperature Range** | Commercial (typically 0°C to +70°C) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the specific capabilities of this component: * **7133**: The base part number for a 2K x 16 Dual-Port SRAM. * **LA**: Indicates a Low-Power version (as opposed to the standard 'S' version). * **55**: Represents the speed grade (55ns access time). * **G**: Represents the package style, specifically a **Ceramic Pin Grid Array (PGA)**. --- ### 3. Functional Features The 7133LA55G is distinguished by its ability to handle asynchronous data transfer between two separate buses: * **Dual-Port Architecture**: It features two completely independent sets of control, address, and I/O pins (Left Port and Right Port). * **True Simultaneous Access**: Both ports can read or write to any location in the memory at the same time. * **Arbitration Logic**: Includes "Busy" logic signals to manage scenarios where both ports attempt to write to the same memory location simultaneously, preventing data corruption. * **Interrupt Functionality**: Provides flag signals to allow communication between the two processors or systems connected to the ports. --- ### 4. Typical Applications Due to its high reliability and specific dual-port nature, this part is often found in: 1. **Multiprocessor Systems**: Linking two CPUs that need to share a common data buffer. 2. **Digital Signal Processing (DSP)**: Acting as a high-speed buffer between a controller and a DSP chip. 3. **Communication Hubs**: Managing data flow between different network interfaces. 4. **Legacy Industrial Equipment**: Often used in high-reliability industrial automation controllers. --- ### 5. Pin Configuration Example (General) While the PGA package has a complex grid, the pin functional groups include: ```text - A0L - A10L: Address Inputs (Left) - I/O0L - I/O15L: Data I/O (Left) - CE\L, OE\L, R/W\L: Control Signals (Left) - BUSY\L: Busy Flag (Left) - (Same set repeated for the "R" / Right port) ```
    ✨ Follow-up Questions
    • ⤷ What is the main difference between the 7133LA and the 7133S versions?
    • ⤷ How does the 'Busy' logic prevent data collisions in this SRAM?
    • ⤷ Are there modern SMD equivalents for the 7133LA55G PGA package?