Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 5CSS

  • AI
    The term **5CSS** generally refers to a specific type of **Low Power Silicon NPN Epitaxial Transistor**, most commonly found in the **SOT-23** surface-mount package. These are widely used in consumer electronics for switching and amplification tasks. --- ## 1. Technical Specifications The "5CSS" is a marking code often associated with the **BC847C** or similar general-purpose transistors. Below are the typical characteristics of this electronic part: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Type** | NPN | Negative-Positive-Negative Junction | | **Package** | SOT-23 | Small Outline Transistor (3 pins) | | **Vceo** | 45V | Collector-Emitter Voltage (Max) | | **Ic** | 100mA | Continuous Collector Current | | **hFE** | 420 - 800 | DC Current Gain (High Gain Category) | | **Power Dissipation** | 250mW | Maximum power the component can handle | --- ## 2. Pin Configuration (SOT-23) Because it is a surface-mount device, the pinout is standardized. Looking at the top of the component (with the single pin at the top): 1. **Base (B):** Controls the current flow between the collector and emitter. 2. **Emitter (E):** The outlet for the current. 3. **Collector (C):** The inlet for the current. --- ## 3. Common Applications Due to its high gain (**hFE**) and small footprint, the 5CSS transistor is used in the following scenarios: * **Signal Amplification:** Boosting low-power signals in audio or sensor circuits. * **Digital Switching:** Acting as a "gate" to turn small loads (like LEDs or Relays) on and off via a microcontroller. * **Current Regulation:** Used in constant current source circuits. * **Mobile Devices:** Its small size makes it ideal for smartphones and tablets. --- ## 4. Replacement and Equivalents If you are looking for a replacement for a 5CSS marked part, ensure the pinout and gain category match: ```markdown * BC847C (Direct equivalent for high gain) * MMBT3904 (Lower gain, but similar footprint/voltage) * 2SC1623 (Common alternative in Asian electronics) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP transistors in a circuit?
    • ⤷ How do I identify the marking code '5CSS' on a datasheet?
    • ⤷ Can I replace a 5CSS with a through-hole transistor like the BC547?