Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 571U-R

  • AI
    The **571U-R** (often associated with high-performance power connectors, specifically those manufactured by companies like Furutech or specialized industrial suppliers) is typically a high-end **AC Power Inlet**. It is designed for audiophile equipment, medical devices, or laboratory instrumentation where power stability and noise reduction are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | IEC C14 Chassis Mount Inlet | | **Voltage Rating** | 250V AC | | **Current Rating** | 15A (UL/CSA) / 10A (VDE/JET) | | **Plating** | Rhodium (The "R" in the suffix) | | **Body Material** | Nylon / Fiberglass (Heat Resistant) | | **Termination** | Solder or Quick-connect terminals | --- ### 2. Core Electronic Components and Materials The performance of the 571U-R is defined by the specific materials used in its construction: * **Rhodium Plating (R):** The "R" signifies that the base metal (usually high-purity Alpha Phosphor Bronze) is plated with Rhodium. Rhodium is prized in electronics for being extremely hard-wearing and highly resistant to oxidation/corrosion, ensuring a low-resistance connection over thousands of plug-in cycles. * **Alpha (α) Conductor:** Many versions utilize "Alpha" treatment, which involves a **cryogenic and demagnetizing process**. This aligns the molecular structure of the metal to improve electrical conductivity and reduce "noise" in the power signal. * **Insulation Material:** The housing is usually made from a glass-filled nylon or a specialized liquid crystal polymer. This provides high dielectric strength (prevents arcing) and dampens mechanical vibrations that could affect the AC sine wave. --- ### 3. Application Areas Because of its high-grade construction, the 571U-R is found in specific electronic environments: 1. **High-End Audio (Hi-Fi):** Used as the power entry point for amplifiers and DACs to minimize contact resistance. 2. **Medical Equipment:** Reliable power delivery for sensitive diagnostic tools where failure is not an option. 3. **Industrial Servers:** Used in power distribution units (PDUs) requiring high-cycle durability. --- ### 4. Installation Considerations * **Mounting:** It is a screw-mount component requiring a specific rectangular cutout in the device chassis. * **Wiring:** Ensure the use of high-quality silver-bearing solder or high-tension crimp connectors to match the quality of the Rhodium terminals. * **Safety:** Always verify that the current draw of your device does not exceed the 15A limit.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Rhodium and Gold plating in power connectors?
    • ⤷ How does the 'Alpha' cryogenic process improve electrical performance?
    • ⤷ What are the specific chassis cutout dimensions for the 571U-R?