Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 4ZBD-R

  • AI
    The **4ZBD-R** typically refers to a specialized electronic control module or a specific series of relay/driver boards used in industrial automation, automotive electronics, or specialized power distribution systems. Below is a breakdown of the electronic components and architecture commonly found in this type of hardware. --- ### 1. Core Component Breakdown The 4ZBD-R is generally composed of four main functional sections designed to bridge low-power control signals with high-power mechanical or electrical loads. | Component Category | Typical Parts | Function | | :--- | :--- | :--- | | **Control Logic** | Microcontroller (MCU) or Logic Gates | Processes incoming signals and determines switching states. | | **Isolation** | Optocouplers (e.g., PC817) | Provides galvanic isolation to protect the control circuit from high-voltage spikes. | | **Switching Elements** | Relays or MOSFETs | The physical "switch" that opens or closes the circuit for the load. | | **Protection** | Flyback Diodes & Varistors | Prevents back-EMF damage and suppresses voltage surges. | | **Indications** | Status LEDs | Visual feedback showing which channel is currently active. | --- ### 2. Technical Specifications & Features The "4" in the prefix usually denotes **four independent channels**, while the "R" often stands for **Relay Output**. * **Input Voltage (Trigger):** Usually compatible with 5V, 12V, or 24V DC logic. * **Output Capacity:** Typically rated for 10A at 250VAC or 30VDC per channel. * **Response Time:** 5ms to 15ms (typical for mechanical relays). * **Mounting Type:** DIN Rail or PCB screw-mount. --- ### 3. Wiring Configuration Most 4ZBD-R modules follow a standard pinout for ease of integration into PLC (Programmable Logic Controller) systems. ```text [Input Side] [Output Side] VCC (Power +) ----| NO (Normally Open) GND (Power -) ----| COM (Common) IN1 (Signal 1) ----| NC (Normally Closed) IN2 (Signal 2) ----| ... IN3 (Signal 3) ----| IN4 (Signal 4) ----| ``` --- ### 4. Key Electronic Characteristics 1. **Opto-Isolation:** This is the most critical part of the electronics. It ensures that if a motor or solenoid on the output side shorts out, the high voltage does not travel back to the sensitive CPU/PLC. 2. **Transistor Drivers:** Since a microcontroller cannot provide enough current to move a relay coil, the board uses NPN or PNP transistors (like the **2N2222** or **BC547**) to act as a bridge. 3. **Active Low/High Logic:** Most of these modules feature a jumper that allows you to select whether the relay triggers on a "High" signal (Voltage) or a "Low" signal (Ground).
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage requirement for the 4ZBD-R module?
    • ⤷ How does opto-isolation protect the main controller in this board?
    • ⤷ Can the 4ZBD-R be used with an Arduino or Raspberry Pi for DIY projects?