Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 48SV2-BVCDT-R

  • AI
    Based on the part number **48SV2-BVCDT-R**, this component is a specific type of **DC-DC Converter** typically manufactured by companies like **Delta Electronics**. It is designed for high-efficiency power conversion in industrial and telecommunications applications. --- ## Technical Specifications Overview The nomenclature of this part follows a standard coding system for isolated DC-DC converters. Below is the breakdown of its primary characteristics: ### 1. Electrical Characteristics | Feature | Description | | :--- | :--- | | **Input Voltage** | Typically 36V to 75V (Standard 48V nominal) | | **Output Voltage** | Usually regulated 12V or 5V (depending on the specific sub-series) | | **Form Factor** | 1/16th Brick (Very compact footprint) | | **Efficiency** | High efficiency, often exceeding 90-93% | | **Isolation** | Input-to-output isolation (commonly 1500V - 2250V DC) | ### 2. Part Number Breakdown While manufacturer coding can vary slightly, here is the standard logic for this series: * **48S**: Indicates the nominal input voltage (48V). * **V**: Voltage series identifier. * **2**: Generation or revision number. * **B**: Specific output power or current rating. * **VCDT**: Specific configuration (Pin length, logic type, and thermal plate options). * **-R**: RoHS Compliant (Lead-free). --- ## Key Internal Components The **48SV2-BVCDT-R** consists of several critical electronic stages to manage power: 1. **Input Filter:** Uses surface-mount capacitors and inductors to reduce electromagnetic interference (EMI). 2. **PWM Controller:** An integrated circuit that regulates the switching frequency to maintain a steady output voltage regardless of load changes. 3. **Power MOSFETs:** High-speed switches that convert DC to high-frequency AC for the transformer. 4. **Isolation Transformer:** A planar transformer that provides galvanic isolation between the input and output stages. 5. **Synchronous Rectification:** Uses MOSFETs instead of diodes on the output stage to minimize power loss and heat generation. --- ## Applications and Benefits * **Telecommunications:** Powering boards in base stations and switching centers. * **Data Centers:** Converting 48V rack power down to usable levels for servers. * **Thermal Management:** The "CDT" suffix often denotes specific pin lengths and thermal features for heat-sink mounting, making it suitable for fanless or high-heat environments. * **Protection Features:** Includes Over-Current Protection (OCP), Over-Voltage Protection (OVP), and Over-Temperature Protection (OTP).
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current for this specific model?
    • ⤷ Is this converter compatible with negative logic or positive logic control?
    • ⤷ What are the physical dimensions of a 1/16th brick DC-DC converter?