47NLDY-R-R
AI

## Analysis of the 47NLDY-R-R Electronic Component
The **47NLDY-R-R** is a specific part number typically associated with **Signal Tower Lights** (also known as Stack Lights or Indicator Columns), commonly manufactured by companies like **Patlite** or similar industrial automation brands. These are used to provide visual and audible status indications for machinery.
---
### 1. Component Identification & Specifications
Based on the standard nomenclature for industrial signaling devices, here is a breakdown of the technical characteristics:
| Feature | Specification / Description |
| :--- | :--- |
| **Component Type** | LED Signal Tower / Stack Light Module |
| **Lens Color** | **Red** (Indicated by the "R" suffix) |
| **Light Source** | High-intensity LED |
| **Operating Voltage** | Typically 24V AC/DC (standard for industrial PLC control) |
| **Mounting Style** | Direct mount or Pole mount (depending on base configuration) |
| **Ingress Protection** | Often rated **IP65** (Dust-tight and water jet resistant) |
| **Compliance** | CE, RoHS, and often UL recognized |
---
### 2. Functional Details
The electronic architecture of the 47NLDY-R-R focuses on durability and low power consumption:
* **LED Driver Circuitry:** Built-in current limiting resistors or constant current drivers to ensure the LEDs operate at a stable brightness regardless of minor voltage fluctuations.
* **Modular Design:** The "R-R" designation often implies a specific stacking order or a replacement module specifically for the Red tier.
* **Vibration Resistance:** Designed with internal shock-absorbing structures to withstand the vibrations of heavy industrial machinery (like CNC mills or assembly lines).
---
### 3. Common Wiring Configuration
In most industrial applications, these units are wired to a PLC (Programmable Logic Controller).
```yaml
Wiring Logic:
- Lead Wire (Red): Connects to +24V (or Signal Output)
- Common Wire (Gray/White): Connects to 0V (Ground)
- Function: When the PLC output is HIGH, the Red LED illuminates.
```
---
### 4. Typical Applications
1. **Machine Status:** Indicating an Emergency Stop (E-Stop) or a critical fault.
2. **Process Completion:** Signifying that a machine cycle has ended and requires operator intervention.
3. **Safety Signaling:** Warning personnel of hazardous areas or moving parts.
---
- ⤷
What is the exact input voltage requirement for the 47NLDY-R-R?
- ⤷ Does this model include a flashing (strobe) function or is it continuous light?
- ⤷ Is this part compatible with the Patlite LR series or an older discontinued series?