Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 47LR-1A0YR-R/Q

  • AI
    The part number **47LR-1A0YR-R/Q** typically refers to a high-precision, high-stability **MELF (Metal Electrode Leadless Face)** resistor, often manufactured by companies like **Vishay** or **KOA Speer**. These components are frequently used in automotive and industrial applications where reliability is critical. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | MELF Resistor (Thin Film) | | **Resistance Value** | 4.7 $\Omega$ (indicated by "47L" or "47R" naming conventions) | | **Case Size** | 0204 or 0207 (Cylindrical Surface Mount) | | **Tolerance** | Usually $\pm$0.1% to $\pm$1% (High Precision) | | **Temperature Coefficient** | $\pm$15 ppm/K to $\pm$50 ppm/K | | **Power Rating** | 0.25W to 0.4W (depending on size) | | **Operating Temperature** | -55°C to +155°C | --- ### 2. Part Number Breakdown (Generic Mapping) While specific manufacturer prefixes vary, the suffix codes generally represent the following: * **47L/47R:** The base resistance value. In this context, it represents **4.7 Ohms**. * **1A:** Often denotes the Power Rating or the Temperature Coefficient (TCR) grade. * **0YR:** Specialized coding for Tolerance and Packaging. "Y" often signifies a 0.1% or 1% tolerance, and "R" stands for Reel. * **R/Q:** * **R:** Taped and Reeled packaging. * **Q:** AEC-Q200 Qualified (Automotive Grade). --- ### 3. Key Advantages of MELF Resistors Compared to standard flat-chip (thick film) resistors, the MELF construction provides several benefits: 1. **Superior Stability:** The cylindrical thin-film design offers better long-term stability under harsh conditions. 2. **High Pulse Loading:** They can handle higher pulse loads and surges than equivalent flat-chip resistors. 3. **Low Noise:** Excellent for precision analog circuits due to low current noise. 4. **Environmental Resistance:** High resistance to moisture and sulfur. --- ### 4. Common Applications * **Automotive Electronics:** Engine control units (ECUs) and braking systems (ABS/ESP). * **Industrial Equipment:** Measurement instruments and precision scales. * **Telecommunications:** Base stations and power supplies. * **Medical Electronics:** Diagnostic equipment requiring high signal integrity.
    ✨ Follow-up Questions
    • ⤷ What are the mechanical differences between a MELF resistor and a standard SMD resistor?
    • ⤷ How does the AEC-Q200 qualification impact the testing of this component?
    • ⤷ Are there specific soldering requirements for MELF packages to prevent rolling during assembly?