47LPQ-42G-R
AI

The **47LPQ-42G-R** is a specific part number typically associated with **Grayhill 47L series** electromechanical components, specifically **Rotary Switches** or **Rotary Encoders**. This specific configuration is part of a low-profile, high-performance line often used in avionics, medical devices, and communication equipment.
---
### 1. Component Identification
| Feature | Description |
| :--- | :--- |
| **Series** | 47L (Low Profile Rotary) |
| **Model Type** | LPQ (Usually indicates specific mounting and terminal style) |
| **Positions/Detents** | 42 (Indicating 42 degrees of throw or a specific step count) |
| **Termination** | G (Gold-plated contacts or specific PC mount) |
| **Compliance** | R (RoHS Compliant) |
---
### 2. Technical Specifications
While exact specifications can vary based on the manufacturer's sub-catalog, the 47L series generally follows these parameters:
* **Mechanical Life:** Typically rated for 25,000 to 100,000 cycles.
* **Contact Material:** Gold-plated over silver or brass (ensures low contact resistance and prevents oxidation).
* **Operating Temperature:** Generally ranges from **-40°C to +85°C**.
* **Sealing:** Often features an IP67 rating (waterproof/dustproof) if specified with an "S" or similar prefix, though the standard LPQ is usually splash-proof.
* **Mounting:** Through-hole PCB mounting.
---
### 3. Key Electronic Characteristics
These parts are designed for low-power signal switching rather than high-power loads.
* **Current Rating:** Usually around **150mA at 115 VAC** or **200mA at 28 VDC**.
* **Contact Resistance:** < 50 mΩ (initial).
* **Insulation Resistance:** 1,000 MΩ minimum.
* **Dielectric Strength:** 1,000 VAC between mutually insulated parts.
---
### 4. Typical Applications
The **47LPQ-42G-R** is used where space is at a premium and high reliability is required:
1. **Handheld Radios:** Frequency tuning or volume control.
2. **Medical Imaging:** Parameter selection on control panels.
3. **Aerospace Cockpits:** Mode selection switches for navigation or communication.
4. **Test Equipment:** Range selection for multimeters or oscilloscopes.
---
### 5. Part Number Breakdown Example
If we analyze the logic of the Grayhill system for this series:
```text
47L - Series (Low Profile)
P - PC Terminals
Q - Quadrate (Square body) or specific detent logic
42 - 42-degree angle of throw
G - Gold contacts (essential for dry-circuit/low voltage)
R - RoHS Compliant
```
- ⤷
What is the exact pinout diagram for the 47LPQ series?
- ⤷ Can this switch be used for high-voltage AC applications?
- ⤷ What are the mounting alternatives for the 47L series (e.g.
- ⤷ surface mount)?