Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 47LM-162B-R

  • AI
    The **47LM-162B-R** is a specific model of an **LCD (Liquid Crystal Display) Module**, typically used in industrial equipment, legacy computing, or specialized instrumentation. It belongs to a family of monochrome character displays. --- ### 1. General Specifications The part number follows a standard naming convention for alphanumeric LCDs. Here is a breakdown of its core characteristics: | Feature | Specification | | :--- | :--- | | **Display Type** | Character LCD | | **Format** | 16 Characters x 2 Lines | | **Backlight** | LED (Commonly Yellow-Green or Amber) | | **Technology** | STN (Super-Twisted Nematic) | | **Interface** | Parallel (8-bit or 4-bit) | | **Controller** | HD44780 (or compatible) | --- ### 2. Key Electronic Components To understand the electronic operation of this part, we look at the internal and external circuitry: #### A. The Driver IC (HD44780 Equivalent) The heart of the module is the timing and control chip. It handles the character generator ROM (CGROM), which contains the standard ASCII set, and the character generator RAM (CGRAM) for custom symbols. #### B. Pin Configuration (14 or 16 Pins) Most modules in this series use a standard 16-pin header: 1. **VSS/VDD:** Power supply (usually +5V). 2. **VO:** Contrast adjustment (via potentiometer). 3. **RS (Register Select):** Toggles between Instruction and Data registers. 4. **RW (Read/Write):** Usually tied to Ground for writing. 5. **E (Enable):** Latches the data into the module. 6. **D0-D7:** 8-bit Data Bus. 7. **A/K (LED+/LED-):** Anode and Cathode for the backlight power. #### C. The LCD Panel The "47LM" prefix often refers to the specific physical dimensions and glass type. The "B-R" suffix typically denotes **RoHS Compliance** (R) and a specific revision or color filter (B). --- ### 3. Application Circuitry When integrating the 47LM-162B-R into a project, you typically require the following external components: * **10k Ohm Potentiometer:** Connected to Pin 3 (VO) to adjust the visibility of the characters. * **Current Limiting Resistor:** For the LED backlight (Pins 15/16) to prevent burnout. * **Decoupling Capacitor:** A 0.1uF capacitor between VDD and VSS to stabilize power. --- ### 4. Code Example (Arduino/C) Because it uses the industry-standard HD44780 protocol, it is compatible with standard libraries. ```cpp #include // Initialize the library with the numbers of the interface pins // RS, E, D4, D5, D6, D7 LiquidCrystal lcd(12, 11, 5, 4, 3, 2); void setup() { lcd.begin(16, 2); // Set up the 16x2 format lcd.print("47LM-162B-R"); } void loop() { lcd.setCursor(0, 1); lcd.print(millis() / 1000); // Display uptime } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage range for the 47LM-162B-R power supply?
    • ⤷ How can I identify the manufacturer of this specific LCD module?
    • ⤷ What are the physical dimensions and mounting hole patterns for this part?