47LAC-151B-R
AI

The **47LAC-151B-R** is a specific electronic component, primarily identified as a **Power Inductor**. It is designed for use in power management circuits, specifically within DC-DC converters and voltage regulator modules.
---
### 1. Technical Specifications
The part number follows a standard industry naming convention. Below are the typical specifications for this component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 150 µH (Microhenries) |
| **Tolerance** | ±20% (Typical for 'M' or standard series) |
| **Core Material** | Ferrite |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Shielding** | Shielded (Magnetic shielding to prevent EMI) |
| **RoHS Compliant** | Yes (Indicated by the '-R' suffix) |
---
### 2. Breakdown of the Part Number
Understanding the alphanumeric code helps in identifying the physical and electrical characteristics:
* **47LAC**: Refers to the series or the physical dimensions/form factor of the inductor.
* **151**: The inductance value.
* The first two digits (**15**) are significant figures.
* The third digit (**1**) is the multiplier ($10^1$).
* Calculation: $15 \times 10^1 = 150 \mu H$.
* **B**: Often denotes the tolerance or a specific packaging/case style.
* **-R**: Generally indicates **RoHS Compliance** (Restriction of Hazardous Substances).
---
### 3. Key Functions & Applications
Inductors like the 47LAC-151B-R serve three primary roles in an electronic circuit:
1. **Energy Storage:** They store energy in a magnetic field when current flows through them, which is essential for switching power supplies.
2. **Filtering:** They block high-frequency AC noise while allowing DC to pass, acting as a "choke."
3. **Voltage Regulation:** They work alongside capacitors to smooth out output voltage in buck or boost converters.
**Common Applications:**
* Laptop and Desktop motherboards.
* LCD/LED TV power boards.
* DC-DC Converters.
* Network hubs and routers.
---
### 4. Circuit Symbol and Implementation
In a schematic diagram, this component is represented as a series of curved bumps or a solid rectangle.
```cpp
// Schematic representation
[Line] --((((-- [Line]
L1 (150uH)
```
---
- ⤷
What is the maximum current rating (Irms) for the 47LAC-151B-R?
- ⤷ Can this inductor be used in high-frequency RF applications?
- ⤷ What are the physical dimensions of the 47LAC series footprint?