Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 47DM-112A-R

  • AI
    The **47DM-112A-R** is a specific model of a **Miniature Intermediate Power Relay**, typically manufactured by brands like **Sanyou** or similar industrial relay producers. It is designed for PCB (Printed Circuit Board) mounting and is used to control high-power circuits with a low-power signal. --- ### 1. Technical Specifications The following table outlines the primary electrical and mechanical characteristics of the 47DM-112A-R: | Feature | Specification | | :--- | :--- | | **Coil Voltage** | 12V DC | | **Contact Form** | 1 Form A (SPST-NO - Normally Open) | | **Contact Rating** | 20A at 250VAC / 30VDC | | **Contact Material** | Silver Alloy (AgSnO2 or AgNi) | | **Coil Power** | Approximately 0.9W | | **Mounting Type** | Through-hole PCB | | **Termination** | Solder Pins | --- ### 2. Breakdown of the Part Number Standard nomenclature for these relays usually follows this logic: * **47:** Series designation (High power, miniature size). * **D:** Coil sensitivity/type (usually Standard DC). * **M:** Indicates a "Sealed" or "Wash Tight" construction. * **112:** * **1:** Number of poles (1 Pole). * **12:** Nominal coil voltage (12 Volts). * **A:** Contact Arrangement (Form A / Normally Open). * **R:** Specific feature suffix (often denoting RoHS compliance or specific contact plating). --- ### 3. Key Components and Operation The relay consists of four primary electronic/mechanical parts: 1. **The Coil:** A copper wire winding around an iron core. When 12V DC is applied, it creates an electromagnetic field. 2. **The Armature:** A moving lever that is pulled by the magnetic field of the coil. 3. **The Contacts:** The "switch" part of the relay. Since this is a "Form A" relay, the contacts are open by default and close when the coil is energized. 4. **The Spring:** Returns the armature to the original position once the power to the coil is removed. --- ### 4. Common Applications Due to its high current rating (20A), this part is frequently found in: * **Automotive Electronics:** Power windows, seat heaters, or lighting. * **Home Appliances:** Air conditioners, microwave ovens, and washing machines. * **Industrial Control:** PLCs (Programmable Logic Controllers) and motor starting. * **HVAC Systems:** Controlling fans and compressors.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Form A and a Form C contact arrangement in relays?
    • ⤷ Can I use a 5V signal to trigger a 12V coil relay like the 47DM-112A-R?
    • ⤷ What are the advantages of using AgSnO2 (Silver Tin Oxide) for relay contacts?