Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 40P-R

  • AI
    The term **40P-R** typically refers to a specific type of **Low Insertion Force (LIF) or Flexible Printed Circuit (FPC) connector** often used in high-density electronic assemblies like laptops, smartphones, and display panels. --- ### 1. Key Technical Specifications The "40P" usually denotes the pin count, while the "R" often signifies the orientation (Right-angle) or a specific series designation by manufacturers like Hirose, JST, or Molex. | Feature | Typical Specification | | :--- | :--- | | **Number of Positions** | 40 Pins | | **Pitch (Spacing)** | Commonly 0.5mm or 1.0mm | | **Orientation** | Right Angle (Horizontal to the PCB) | | **Current Rating** | ~0.5A per contact | | **Voltage Rating** | 50V AC/DC | | **Contact Material** | Phosphor Bronze (Gold or Tin plated) | --- ### 2. Common Components in the 40P-R Category #### A. FPC/FFC Connectors These are used to connect Flexible Flat Cables (FFC) to a Rigid PCB. * **ZIF (Zero Insertion Force):** Uses a flip-lock or slider mechanism to secure the cable. * **LIF (Low Insertion Force):** Relies on friction to hold the cable. * **Application:** Connecting an LCD screen or a keyboard to a motherboard. #### B. Board-to-Board Headers If the 40P-R refers to a pin header (e.g., 2x20 configuration): * **Pitch:** 2.54mm (standard) or 2.0mm. * **Mounting:** Surface Mount (SMD) or Through-Hole (THT). * **Application:** Connecting two stacked circuit boards. --- ### 3. Pinout Structure (General Example) For a 40-pin display connector (Common for LVDS/eDP), the layout typically follows this logic: ```text Pin 1-3: Power Supply (VCC/3.3V) Pin 4-10: Ground (GND) Pin 11-25: High-Speed Differential Pairs (Data +/-) Pin 26-30: Backlight Control (PWM/Enable) Pin 31-40: Backlight Power (VLED 12V-20V) ``` --- ### 4. Usage Precautions 1. **Alignment:** Ensure the FFC cable is cut straight. Misalignment in a 0.5mm pitch connector can cause short circuits between power and data lines. 2. **Actuator Fragility:** The locking tabs (Flip-locks) are extremely fragile. Excessive force can snap the plastic hinge. 3. **Heat Sensitivity:** When soldering the 40P-R SMD component, use a reflow profile or a fine-tip soldering iron to avoid melting the plastic housing.
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch (0.5mm or 1.0mm) of the 40P-R part you are using?
    • ⤷ Are you looking for a datasheet for a specific brand like Hirose or Molex?
    • ⤷ Is this connector intended for an LCD screen or a board-to-board application?