Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 3QL60AS

  • AI
    The **3QL60AS** is a high-power, three-phase bridge rectifier module. It is primarily used to convert three-phase alternating current (AC) into direct current (DC). --- ## 1. Technical Specifications The model name follows a standard nomenclature for power electronics. Below are the typical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Model** | 3QL60AS | | **Circuit Configuration** | 3-Phase Bridge (6 Diodes) | | **Maximum Average Forward Current ($I_F$)** | 60 Amperes | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | Usually 800V to 1600V (depending on the specific grade) | | **Mounting Style** | Chassis Mount (Screw Terminal) | | **Housing** | Isolated Metal Base for Heat Dissipation | --- ## 2. Internal Circuitry The 3QL60AS contains six power diodes arranged in a bridge configuration. * **Input:** Three terminals for L1, L2, and L3 (AC phases). * **Output:** Two terminals for Positive (+) and Negative (-) DC output. ```text AC Phase R ----|>|----+---- (+) DC Out | | AC Phase S ----|>|----+ | | AC Phase T ----|>|----+ | | AC Phase R ----|<|----+---- (-) DC Out | | AC Phase S ----|<|----+ | | AC Phase T ----|<|----+ ``` --- ## 3. Key Features * **High Thermal Efficiency:** The base plate is electrically isolated from the internal semiconductors, allowing it to be mounted directly onto a metal heatsink. * **Compact Design:** Integrates six diodes into a single module, reducing wiring complexity compared to discrete components. * **High Surge Capacity:** Designed to handle momentary high-current spikes common in motor starts or transformer energization. --- ## 4. Common Applications This part is widely used in industrial environments where stable DC power is required from a three-phase source: 1. **DC Motor Drives:** Used as the input stage to rectify AC power before it is controlled by a PWM inverter. 2. **Battery Chargers:** Industrial-grade chargers for forklifts or backup power banks. 3. **Welding Equipment:** Provides the heavy DC current needed for arc welding. 4. **Power Supplies:** Input rectification for large Uninterruptible Power Supplies (UPS). --- ## 5. Maintenance & Testing To test a 3QL60AS using a multimeter (Diode Test mode): 1. **Forward Bias:** Connect Red (+) to an AC terminal and Black (-) to the DC (+) terminal. You should see a voltage drop of roughly **0.4V to 0.7V**. 2. **Reverse Bias:** Swap the leads; the meter should show **OL** (Open Loop). 3. **Short Circuit:** If any measurement shows **0.00V** in both directions, the internal diode is shorted and the module must be replaced.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the 3QL60AS module?
    • ⤷ How do I choose the correct heatsink for a 60A bridge rectifier?
    • ⤷ Can the 3QL60AS be used in a single-phase application?