Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • 3AB125-R

  • AI
    The **3AB125-R** is a specific type of electronic component, primarily known as a **Ceramic Body Cartridge Fuse**. It is part of the 3AB series, which is recognized for high-performance circuit protection. ### 1. Technical Specifications The "3AB" designation typically refers to the physical size and construction, while the "125-R" denotes the current rating and compliance. | Feature | Specification | | :--- | :--- | | **Type** | Cartridge Fuse | | **Body Material** | Ceramic | | **Size** | 1/4" x 1-1/4" (6.3mm x 32mm) | | **Current Rating** | 125mA (0.125 Amps) | | **Voltage Rating** | Usually up to 250VAC | | **Speed/Characteristic** | Fast-Acting (F) | | **Compliance** | RoHS Compliant (indicated by the "-R") | --- ### 2. Key Characteristics * **Ceramic Construction:** Unlike glass fuses, ceramic fuses are opaque. The ceramic body allows for a higher interrupting rating (breaking capacity), meaning it can safely handle higher fault currents without shattering. * **Fast-Acting:** This fuse is designed to blow quickly when an overcurrent occurs. It is used to protect sensitive electronic components that cannot withstand even brief surges. * **Arc Suppression:** The interior of these fuses often contains a filler (like silica sand) to help extinguish the electrical arc created when the fuse element melts. ### 3. Common Applications Because of its high breaking capacity and small form factor, the 3AB125-R is frequently used in: 1. **Industrial Power Supplies:** Protecting control circuits. 2. **Test Equipment:** Multimeters and oscilloscopes. 3. **Appliances:** High-wattage kitchen or cleaning appliances. 4. **Telecommunications:** Network equipment power modules. ### 4. Identification Guide To ensure you have the correct part, check the end caps of the fuse. You will typically see: * **Manufacturer Logo** (e.g., Littelfuse or Bel Fuse). * **Current Rating:** 125mA or .125A. * **Safety Approvals:** UL, CSA, or CE marks. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic fuse and a glass fuse of the same rating?
    • ⤷ Can I replace a fast-acting 3AB fuse with a slow-blow version?
    • ⤷ How do I test if a 3AB125-R fuse is blown using a multimeter?